전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC1574CS 데이터시트(PDF) 6 Page - Linear Technology

부품명 LTC1574CS
상세설명  High Efficiency Step-Down DC/DC Converters with Internal Schottky Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC1574CS 데이터시트(HTML) 6 Page - Linear Technology

  LTC1574CS Datasheet HTML 1Page - Linear Technology LTC1574CS Datasheet HTML 2Page - Linear Technology LTC1574CS Datasheet HTML 3Page - Linear Technology LTC1574CS Datasheet HTML 4Page - Linear Technology LTC1574CS Datasheet HTML 5Page - Linear Technology LTC1574CS Datasheet HTML 6Page - Linear Technology LTC1574CS Datasheet HTML 7Page - Linear Technology LTC1574CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1574
LTC1574-3.3/LTC1574-5
For COUT, the RMS current rating should be at least:
I
I
A
RMS
PEAK
RMS
≈
()
=
2
300mA
Absolute Maximum Ratings and Latchup Prevention
The absolute maximum ratings specify that SW
(Pins 3, 14) can never exceed VIN (Pin 5) by more than
0.3V. Normally this situation should never occur. It could,
however, if the output is held up while the supply is pulled
down. A condition where this could potentially occur is
when a battery is supplying power to an LTC1574 regula-
tor and also to one or more loads in parallel with the the
regulator’s VIN. If the battery is disconnected while the
LTC1574 regulator is supplying a light load and one of the
parallel circuits is a heavy load, the input capacitor of the
LTC1574 regulator could be pulled down faster than the
output capacitor, causing the absolute maximum ratings
to be exceeded. The result is often a latchup which can be
destructive if VIN is reapplied. Battery disconnect is pos-
sible as a result of mechanical stress, bad battery contacts
or use of a lithium-ion battery with a built-in internal
disconnect. The user needs to assess his/her application
to determine whether this situation could occur. If so,
additional protection is necessary.
Prevention against latchup can be accomplished by
simply connecting a Schottky diode across the SW and
VIN pins as shown in Figure 7. The diode will normally be
reverse biased unless VIN is pulled below VOUT at which
time the diode will clamp the (VOUT – VIN) potential to less
than the 0.6V required for latchup. Note that a low
leakage Schottky should be used to minimize the effect
inductor L1 is chosen for its excellent self-shielding prop-
erties. Open magnetic structures such as drum and rod
cores are to be avoided since they inject high flux levels
into their surroundings. This can become a major source
of noise in any converter circuit.
Design Example
As a design example, assume VIN = 9V (nominal),
VOUT = 5V and IOUT = 350mA maximum. The LTC1574-5
is used for this application with IPGM (Pin 6) connected to
VIN. The minimum value of L is determined by assuming
the LTC1574-5 is operating in continuous mode.
Figure 6. Continuous Inductor Current
With IOUT = 350mA and IPEAK = 0.6A (IPGM = VIN), IV = 0.1A.
The peak-to-peak ripple inductor current, IRIPPLE, is 0.5A
and is also equal to:
I
VV
L
RIPPLE
OUT
D
=
+

 ()
−
410 6
•
AP-P
Solving for L in the above equation and with VD = 0.5V,
L = 44
µH. The next higher standard value of L is 50µH
(example: Coiltronics CTX50-4). The operating frequency,
ignoring voltage across diode VD is:
f
V
V
kHz
OUT
IN
≈−


=
2 5 10 1
111
5
.•
With the value of L determined, the requirements for CIN
and COUT are calculated. For CIN, its RMS current rating
should be at least:
I
IV
V
V
V
A
mA
RMS
OUT
OUT
IN
OUT
IN
RMS
=
−
()
[] ()
=
12
174
/
TIME
IPEAK
IV
AVG CURRENT = IOUT
=
= 350mA
IPEAK + IV
2
1574 • F06
APPLICATIO S I FOR ATIO
1574 F07
VIN
VOUT
LATCHUP
PROTECTION
SCHOTTKY
SW
LTC1574
+
Figure 7. Preventing Absolute Maximum
Ratings from Being Exceeded



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com