전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDK1300 데이터시트(PDF) 5 Page - Cadeka Microcircuits LLC.

부품명 CDK1300
상세설명  8-bit, 250 MSPS ADC with Demuxed Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CADEKA [Cadeka Microcircuits LLC.]
홈페이지  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1300 데이터시트(HTML) 5 Page - Cadeka Microcircuits LLC.

  CDK1300 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1300 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
5
Data Sheet
Electrical Characteristics
(TA = TMin to TMax, AVCC= +5V, OVDD = +5V, ƒclk = 250MHz, 50% duty cycle,
ƒIN = 70MHz, dual channel mode; unless otherwise noted)
symbol
parameter
conditions
Min
typ
Max
units
Power Supply Requirements
AVcc
Analog Voltage Supply(2)
4.75
5.0
5.25
V
OVDD
Digital Voltage Supply(2)
2.75
5.25
V
AVcc
Current(1)
62
70
mA
Power Dissipation(1)
with Internal Voltage Reference
310
350
mW
Common Mode Reference Output
Voltage(1)
2.45
2.5
2.55
V
Voltage Tempco
100
ppm/°C
Output Impedance
IOUT = ±50µA
1
kΩ
PSRR
Power Supply Rejection Ratio
63
mV/V
Clock and Reset Inputs (Differential and Single-Ended)
VDIFF
Differental Signal Amplitude(1)
400
mVpp
VIHD
Differental High Input Voltage(2)
1.4
5
V
VILD
Differental Low Input Voltage(2)
0
3.9
V
VCMD
Differental Common Mode Input(2)
1.2
4.1
V
VIH
Single-Ended High Input Voltage(2)
1.8
V
VIL
Single-Ended Low Input Voltage(2)
1.2
V
IIH
High Input Current(1)
VID = 1.5V
-100
20
+100
µA
IIL
Low Input Current(1)
VID = 1.5V
-100
20
+100
µA
Power Down and Mode Control Inputs (Single-Ended)
High Input Voltage(2)
2.0
AVcc
V
Low Input Voltage(2)
0
1.0
V
Max Input Current Low(1)
-100
10
+100
µA
Max Input Current High <4.0V(1)
-100
10
+100
µA
Digital Outputs
Logic “1“ Voltage(1)
IOH = -0.5mA
OVDD-2.0 OVDD-0.06
V
Logic “0“ Voltage(1)
IOL = +1.6mA
0.13
0.2
V
TR/TF Data
OVDD = 3V, 10pF load
3.5
ns
OVDD = 5V, 10pF load
2.0
ns
TR/TF DCLK
OVDD = 3V, 10pF load
1.3
ns
OVDD = 5V, 10pF load
0.7
ns
notes:
1. 100% production tested at +25°C.
2. Parameter is guaranteed (but not tested) by design and characterization data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com