전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDK1301 데이터시트(PDF) 10 Page - Cadeka Microcircuits LLC.

부품명 CDK1301
상세설명  8-bit, 250 MSPS A/D Converter with Demuxed Outputs REV 1A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CADEKA [Cadeka Microcircuits LLC.]
홈페이지  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1301 데이터시트(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button CDK1301 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CDK1301 Datasheet HTML 12Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
10
Data Sheet
Figure 4. CLK and Reset Equivalent Circuit
(without ESD Diodes)
Typical Interface Circuit
Very few external components are required to achieve
the stated device performance. Figure 3 shows the typical
interface requirements when using the CDK1301 in nor-
mal circuit operation. The following sections provide
descriptions of the major functions and outline performance
criteria to consider for achieving the optimal device
performance.
Figure 5. Analog Input Equivalent Circuit
Analog Input
The input of the CDK1301 can be configured in various
ways depending on whether a single-ended or differential
input is desired.
The AC-coupled input is most conveniently implemented
using a transformer with a center-tapped secondary winding.
The center tap is connected to the VCM pin as shown in
Figure 3. To obtain low distortion, it is important that the
CDK1301
Figure 3. Typical Interface Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12