전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN75ALS173N 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 SN75ALS173N
상세설명  QUADRUPLE DIFFERENTIAL LINE RECEIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS173N 데이터시트(HTML) 5 Page - Texas Instruments

  SN75ALS173N Datasheet HTML 1Page - Texas Instruments SN75ALS173N Datasheet HTML 2Page - Texas Instruments SN75ALS173N Datasheet HTML 3Page - Texas Instruments SN75ALS173N Datasheet HTML 4Page - Texas Instruments SN75ALS173N Datasheet HTML 5Page - Texas Instruments SN75ALS173N Datasheet HTML 6Page - Texas Instruments SN75ALS173N Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN75ALS173
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS132C – SEPTEMBER 1991 – REVISED MAY 1995
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOL
VOH
– 2.5 V
2.5 V
Output
Input
1.3 V
1.3 V
tPHL
tPLH
0 V
0 V
2 V
Output
CL = 15 pF
(see Note B)
50
Ω
TEST CIRCUIT
VOLTAGE WAVEFORMS
Generator
(see Note A)
Figure 2. Test Circuit and Voltage Waveforms
See Note D
≈ 0
S1 Open
S1 Closed
1.3 V
1.3 V
tPHZ
tPZH
0.5 V
See Note C
VCC
2 k
Ω
S1
5 k
Ω
2.5 V
CL
(see Note B)
Output
2 V
1.3 V
Input
Output
3 V
0 V
VOH
≈ 1.4 V
50
Ω
TEST CIRCUIT
VOLTAGE WAVEFORMS
Generator
(see Note A)
Figure 3. Test Circuit and Voltage Waveforms
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR = 1 MHz, duty cycle = 50%, tr ≤ 6 ns, tf ≤ 6 ns,
ZO = 50 Ω.
B. CL includes probe and jig capacitance.
C. All diodes are 1N916 or equivalent.
D. To test the active-low enable G, ground G and apply an inverted input waveform to G.



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com