전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN75ALS199 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 SN75ALS199
상세설명  QUADRUPLE DIFFERENTIAL LINE RECEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS199 데이터시트(HTML) 10 Page - Texas Instruments

Back Button SN75ALS199 Datasheet HTML 4Page - Texas Instruments SN75ALS199 Datasheet HTML 5Page - Texas Instruments SN75ALS199 Datasheet HTML 6Page - Texas Instruments SN75ALS199 Datasheet HTML 7Page - Texas Instruments SN75ALS199 Datasheet HTML 8Page - Texas Instruments SN75ALS199 Datasheet HTML 9Page - Texas Instruments SN75ALS199 Datasheet HTML 10Page - Texas Instruments SN75ALS199 Datasheet HTML 11Page - Texas Instruments SN75ALS199 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SN75ALS199
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS046C – JANUARY 1989 – REVISED MAY 1995
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 15
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VCC – Supply Voltage – V
0
02
4
30
40
50
68
10
20
Enabled
VID = – 300 mV
VIC = 0
IO = 0
TA = 25°C
Disabled
5
15
25
35
45
1
357
Figure 16
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
15
10
5
0
010
20
30
40
50
20
25
30
60
70
80
VID = – 300 mV
Outputs Enabled
IO = 0
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
Figure 17
SUPPLY CURRENT
vs
DIFFERENTIAL INPUT VOLTAGE
VID – Differential Input Voltage – mV
15
10
5
0
– 200
– 100
0
20
25
30
100
200
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
IO = 0
Outputs Enabled
VIC = 0
TA = 25°C
30
5
20
0
40
25
10 k
100 k
1 M
10 M
100 M
35
10
15
VCC = 5 V
VI = ± 1.5-V Square Wave
CL = 15 pF
Four Channels Driven
TA = 25°C
SUPPLY CURRENT
vs
FREQUENCY
f – Frequency – Hz
Figure 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com