전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN75LBC970ADL 데이터시트(PDF) 12 Page - Texas Instruments

부품명 SN75LBC970ADL
상세설명  SCSI DIFFERENTIAL CONVERTER-CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC970ADL 데이터시트(HTML) 12 Page - Texas Instruments

Back Button SN75LBC970ADL Datasheet HTML 8Page - Texas Instruments SN75LBC970ADL Datasheet HTML 9Page - Texas Instruments SN75LBC970ADL Datasheet HTML 10Page - Texas Instruments SN75LBC970ADL Datasheet HTML 11Page - Texas Instruments SN75LBC970ADL Datasheet HTML 12Page - Texas Instruments SN75LBC970ADL Datasheet HTML 13Page - Texas Instruments SN75LBC970ADL Datasheet HTML 14Page - Texas Instruments SN75LBC970ADL Datasheet HTML 15Page - Texas Instruments SN75LBC970ADL Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
SN75LBC970A
SCSI DIFFERENTIAL CONVERTER-CONTROL
SLLS215B – MAY 1995 – REVISED JANUARY 1999
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Input
Output
5 V
50 pF
50 pF
165
Ω
165
Ω
75
Ω
A–
B–
B+
Input
Output
0 V
1.5 V
3 V
t0
t0
or
enable
disable
≈ –0.925 V
0.5 V
VOD(H)
ten
tdis
RESET
TEST
DSENS
RSTFLTR
ARST –
ABSY – or ASEL –
CLK20
(see Note A)
ten
tdis
BRST
BBSY or BSEL
NOTE A: These are asynchronous events and do not necessarily align with clock edges.
Figure 6. A-Side to B-Side Enable and Disable Delay Time Test Circuit and Timing Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com