전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S12SCIV2D 데이터시트(PDF) 42 Page - Motorola, Inc

부품명 S12SCIV2D
상세설명  MC9S12DT128 Device User Guide V02.09
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

S12SCIV2D 데이터시트(HTML) 42 Page - Motorola, Inc

Back Button S12SCIV2D Datasheet HTML 38Page - Motorola, Inc S12SCIV2D Datasheet HTML 39Page - Motorola, Inc S12SCIV2D Datasheet HTML 40Page - Motorola, Inc S12SCIV2D Datasheet HTML 41Page - Motorola, Inc S12SCIV2D Datasheet HTML 42Page - Motorola, Inc S12SCIV2D Datasheet HTML 43Page - Motorola, Inc S12SCIV2D Datasheet HTML 44Page - Motorola, Inc S12SCIV2D Datasheet HTML 45Page - Motorola, Inc S12SCIV2D Datasheet HTML 46Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 138 page
background image
MC9S12DT128 Device User Guide — V02.09
42
$00D5
SCI1SR2
Read:
00000
BRK13
TXDIR
RAF
Write:
$00D6
SCI1DRH
Read:
R8
T8
000000
Write:
$00D7
SCI1DRL
Read:
R7
R6
R5
R4
R3
R2
R1
R0
Write:
T7
T6
T5
T4
T3
T2
T1
T0
$00D8 - $00DF
SPI0 (Serial Peripheral Interface)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$00D8
SPI0CR1
Read:
SPIE
SPE
SPTIE
MSTR
CPOL
CPHA
SSOE
LSBFE
Write:
$00D9
SPI0CR2
Read:
0
0
0
MODFEN BIDIROE
0
SPISWAI
SPC0
Write:
$00DA
SPI0BR
Read:
0
SPPR2
SPPR1
SPPR0
0
SPR2
SPR1
SPR0
Write:
$00DB
SPI0SR
Read:
SPIF
0
SPTEF
MODF
0000
Write:
$00DC
Reserved
Read:
00000000
Write:
$00DD
SPI0DR
Read:
Bit7
654321
Bit0
Write:
$00DE
Reserved
Read:
00000000
Write:
$00DF
Reserved
Read:
00000000
Write:
$00E0 - $00E7
IIC (Inter IC Bus)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$00E0
IBAD
Read:
ADR7
ADR6
ADR5
ADR4
ADR3
ADR2
ADR1
0
Write:
$00E1
IBFD
Read:
IBC7
IBC6
IBC5
IBC4
IBC3
IBC2
IBC1
IBC0
Write:
$00E2
IBCR
Read:
IBEN
IBIE
MS/SL
TX/RX
TXAK
00
IBSWAI
Write:
RSTA
$00E3
IBSR
Read:
TCF
IAAS
IBB
IBAL
0SRW
IBIF
RXAK
Write:
$00E4
IBDR
Read:
D7
D6
D5
D4
D3
D2
D1
D 0
Write:
$00E5
Reserved
Read:
0
0
0
0
0
0
0
0
Write:
$00E6
Reserved
Read:
00000000
Write:
$00E7
Reserved
Read:
00000000
Write:
$00D0 - $00D7
SCI1 (Asynchronous Serial Interface)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More