| 전자부품 데이터시트 검색엔진 |
|
S12SCIV2D 데이터시트(PDF) 90 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
S12SCIV2D 데이터시트(HTML) 90 Page - Motorola, Inc |
|
90 / 138 page ![]() MC9S12DT128 Device User Guide — V02.09 90 • Use low ohmic low inductance connections between VSS1, VSS2 and VSSR. • VSSPLL must be directly connected to VSSR. • Keep traces of VSSPLL, EXTAL and XTAL as short as possible and occupied board area for C7, C8, C11 and Q1 as small as possible. • Do not place other signals or supplies underneath area occupied by C7, C8, C10 and Q1 and the connection area to the MCU. • Central power input should be fed in at the VDDA/VSSA pins. |