| 전자부품 데이터시트 검색엔진 |
|
TMS320C32PCM 데이터시트(PDF) 40 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C32PCM 데이터시트(HTML) 40 Page - Texas Instruments |
|
40 / 44 page ![]() TMS320C32 DIGITAL SIGNAL PROCESSOR SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996 40 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 timing of peripheral pin changing from general-purpose input to output mode (see Figure 34) NO ’C32 - 40 ’C32 - 50 ’C32 - 60 UNIT NO. MIN MAX MIN MAX MIN MAX UNIT 98 td(GPIOH1H) Delay time, H1 high to peripheral pin switching from input to output 13 10 8 ns Peripheral Pin (see Note A) I / O Control Bit H1 H3 Execution of Store of Peripheral Control Register 98 NOTE A: Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLKx. The modes of these pins are defined by the contents of internal control registers associated with each peripheral. Figure 34. Timing of Peripheral Pin Changing From General-Purpose Input to Output Mode |