전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TUSB2551APWR 데이터시트(PDF) 1 Page - Texas Instruments

부품명 TUSB2551APWR
상세설명  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TUSB2551APWR 데이터시트(HTML) 1 Page - Texas Instruments

  TUSB2551APWR Datasheet HTML 1Page - Texas Instruments TUSB2551APWR Datasheet HTML 2Page - Texas Instruments TUSB2551APWR Datasheet HTML 3Page - Texas Instruments TUSB2551APWR Datasheet HTML 4Page - Texas Instruments TUSB2551APWR Datasheet HTML 5Page - Texas Instruments TUSB2551APWR Datasheet HTML 6Page - Texas Instruments TUSB2551APWR Datasheet HTML 7Page - Texas Instruments TUSB2551APWR Datasheet HTML 8Page - Texas Instruments TUSB2551APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
FEATURES
APPLICATIONS
NC – No internal connection
SPEED
RCV
VP
VM
Vreg(3.3)
D+
D–
OE
1
2
3
4
14
16
13
15
12
11
10
9
5
6
7
8
GND
(Exposed die pad)
RGT PACKAGE
(BOTTOM VIEW)
PW PACKAGE
(TOP VIEW)
VCC(I/O)
VCC(5.0)
VPU(3.3)
Vreg(3.3)
SPEED
RCV
VP
VM
SOFTCON
GND
D+
D–
OE
SUSPEND
1
2
3
4
5
6
14
13
12
11
10
9
7
8
DESCRIPTION/ORDERING INFORMATION
TUSB2551A
www.ti.com...................................................................................................................................................................................................... SCES790 – JUNE 2009
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
• Complies With Universal Serial Bus
Specification Rev. 2.0 (USB 2.0)
• Transmits and Receives Serial Data at Both
Full-Speed (12-Mbit/s) and Low-Speed
(1.5-Mbit/s) Data Rates
• Integrated Bypassable 5-V to 3.3-V Voltage
Regulator for Powering Via USB VBUS
• Low-Power Operation is Ideal for Portable
Equipment
• Meets the IEC-61000-4-2 Contact Discharge
(±9 kV) and Air-Gap Discharge (±9 kV) ESD
Ratings
• Separate I/O Supply With Operation Down to
1.65 V
• Very-Low Power Consumption to Meet USB
Suspend Current Requirements
• No Power-Supply Sequencing Requirements
• Cellular Phones
• Personal Digital Assistants (PDAs)
• Handheld Computers
The TUSB2551A is a single-chip transceiver that complies with the physical-layer specifications of universal
serial bus (USB) 2.0. The device supports both full-speed (12-Mbit/s) and low-speed (1.5-Mbit/s) operation. The
TUSB2551A delivers superior edge-rate control, producing crisper eye diagrams, which ease the task of passing
USB compliance testing.
A dual supply-voltage operation allows the TUSB2551A to reference the system interface I/O signals to a supply
voltage down to 1.6 V, while independently powered by the USB VCC(5.0). This allows the system interface to
operate at its core voltage without the addition of buffering logic, and also reduce system operating current.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2009, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TUSB2551APWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TUSB2551 TI-TUSB2551 Datasheet
530Kb / 18P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551 TI-TUSB2551 Datasheet
652Kb / 20P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551 TI2-TUSB2551 Datasheet
385Kb / 18P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
FEBRUARY 2008
TUSB2551PW TI-TUSB2551PW Datasheet
530Kb / 18P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551PW TI-TUSB2551PW Datasheet
652Kb / 20P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
More results

유사한 설명 - TUSB2551APWR

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
ISP1107 PHILIPS-ISP1107 Datasheet
536Kb / 19P
Advanced Universal Serial Bus transceiver
Rev. 01-23 February 2000
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
Universal Serial Bus Transceiver
1999 Jun 04
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
Universal Serial Bus Transceiver
logo
NXP Semiconductors
ISP1104 PHILIPS-ISP1104 Datasheet
494Kb / 19P
Advanced Universal Serial Bus transceiver
Rev. 02-14 October 2003
ISP1102 PHILIPS-ISP1102 Datasheet
533Kb / 23P
Advanced Universal Serial Bus transceiver
Rev. 03-02 September 2003
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
Universal Serial Bus Transceiver
logo
Texas Instruments
TUSB2551 TI-TUSB2551 Datasheet
530Kb / 18P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551 TI-TUSB2551_10 Datasheet
652Kb / 20P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
logo
NXP Semiconductors
ISP1102A NXP-ISP1102A Datasheet
168Kb / 25P
Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com