전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TUSB2551APWR 데이터시트(PDF) 3 Page - Texas Instruments

부품명 TUSB2551APWR
상세설명  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TUSB2551APWR 데이터시트(HTML) 3 Page - Texas Instruments

  TUSB2551APWR Datasheet HTML 1Page - Texas Instruments TUSB2551APWR Datasheet HTML 2Page - Texas Instruments TUSB2551APWR Datasheet HTML 3Page - Texas Instruments TUSB2551APWR Datasheet HTML 4Page - Texas Instruments TUSB2551APWR Datasheet HTML 5Page - Texas Instruments TUSB2551APWR Datasheet HTML 6Page - Texas Instruments TUSB2551APWR Datasheet HTML 7Page - Texas Instruments TUSB2551APWR Datasheet HTML 8Page - Texas Instruments TUSB2551APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
FUNCTIONAL DESCRIPTION
TUSB2551A
www.ti.com...................................................................................................................................................................................................... SCES790 – JUNE 2009
TERMINAL FUNCTIONS
TERMINAL
NO.
I/O
DESCRIPTION
NAME
RGT
PW
System interface supply voltage. Used to provide reference supply voltage for system I/O interface
VCC(I/O)
15
1
I
signaling.
Speed. Edge-rate control: A logic HIGH operates at edge rates for full-speed operation. A logic LOW
SPEED
1
2
I
operates at edge rates for low-speed operation.
RCV
2
3
O
Receive data. Output for USB differential data.
If OE = 1, VP = Receiver output (+)
VP
3
4
I/O
If OE = 0, VP = Driver input (+)
If OE = 1, VM = Receiver output (–)
VM
4
5
I/O
If OE = 0, VM = Driver input (–)
SOFTCON
5
6
I
Soft connect. Controls state of VPU(3.3). See VPU(3.3) pin description for details.
GND
6
7
Ground reference
SUSPEND
7
8
I
Suspend. Active high. Turns off internal circuits to reduce supply current.
NC
8, 16
No internal connection
Output enable. Active low. Enables the transceiver to transmit data onto the bus. When inactive, the
OE
9
9
I
transceiver is in the receive mode.
D–, D+
10, 11
10, 11
I/O
Differential data lines conforming to the USB standard
3.3-V reference supply. Requires a minimum 0.1-
µF decoupling capacitor for stability. A 1-µF capacitor is
Vreg(3.3)
12
12
O
recommended.
Pullup supply voltage. Used to connect 1.5-k
Ω pullup speed detect resistor.
VPU(3.3)
13
13
O
If SOFTCON = 1, VPU(3.3) is high impedance. If SOFTCON = 0, VPU(3.3) = 3.3 V.
VCC(5.0)
14
14
I
USB bus supply voltage. Used to power USB transceiver and internal circuitry.
FUNCTION SELECTION
SUSPEND
OE
D+, D–
RCV
VP, VM
FUNCTION
0
0
Driving
Active
Active
Normal transmit mode
0
1
Receiving
Active
Active
Normal receive mode
1
0
Hi-Z
0
Not active
Low power state
1
1
Hi-Z
0
Active
Receiving during suspend (low power state)(1)
(1)
During suspend, VP and VM are active to detect out-of-band signaling conditions.
TRUTH TABLE DURING NORMAL MODE
OE = 0
INPUT
OUTPUT
RESULT
VP
VM
D+
D–
RCV
0
0
0
0
X(1)
SE0
0
1
0
1
0
Logic 0
1
0
1
0
1
Logic 1
1
1
1
1
X(1)
Undefined
OE = 1
INPUT
OUTPUT
RESULT
D+
D–
VP
VM
RCV
0
0
0
0
X(1)
SE0
0
1
0
1
0
Logic 0
1
0
1
0
1
Logic 1
1
1
1
1
X(1)
Undefined
(1)
X = Undefined
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TUSB2551A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com