| 전자부품 데이터시트 검색엔진 |
|
LPC2921 데이터시트(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2921 데이터시트(HTML) 11 Page - NXP Semiconductors |
|
11 / 83 page ![]() xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx 6.5 Memory map Fig 3. LPC2921/2923/2925 memory map reserved DMA interface to TCM PCR/VIC control 0x0000 0000 0 GB 1 GB 4 GB 2 GB 0x4000 0000 0x2000 0000 0x8000 0000 0x8000 4000 0x8000 8000 0x8000 C000 0xE000 0000 0xE002 0000 0xE004 0000 0xE006 0000 0xE008 0000 0xE00A 0000 0xE00C 0000 0xE00E 0000 0xE010 0000 0xE014 0000 0xE018 3000 0xF000 0000 0xF080 0000 0xFFFF 8000 0xFFFF FFFF reserved reserved reserved reserved reserved reserved reserved peripheral subsystem #0 peripheral subsystem #2 peripheral subsystem #4 peripheral subsystem #6 0xE018 2000 0xE018 0000 16 kB AHB SRAM 16 kB AHB SRAM (LPC2925 only) reserved USB controller DMA controller 8 kB ETB SRAM ETB control reserved ITCM/DTCM on-chip flash 0x2020 4000 0x0000 0000 0x0040 0000 0x0000 4000 0x0040 4000 0x0080 0000 0x2000 0000 16 kB ITCM 16 kB DTCM reserved reserved no physical memory peripherals #6 MSCSS subsystem ITCM/DTCM memory peripherals #2 peripheral subsystem 0xE004 1000 0xE004 2000 0xE004 3000 0xE004 4000 0xE004 6000 0xE004 8000 0xE004 A000 0xE004 B000 0xE004 F000 0xE005 0000 0xE006 0000 0xE004 C000 0xE004 9000 0xE004 7000 0xE004 5000 0xE004 0000 SPI0 WDT TIMER0 TIMER1 TIMER2 TIMER3 UART0 UART1 SPI1 SPI2 GPIO0 GPIO1 reserved reserved peripherals #0 general subsystem 0xE000 1000 0xE000 2000 0xE000 2000 0xE002 0000 0xE000 0000 CFID SCU event router peripherals #4 networking subsystem 0xE008 1000 0xE008 0000 CAN0 CAN1 0xE008 2000 0xE008 3000 0xE008 4000 0xE008 7000 0xE008 9000 0xE008 B000 0xE00A 0000 0xE008 A000 0xE008 8000 0xE008 6000 I2C0 I2C1 reserved CAN ID LUT CAN common regs LIN0 LIN1 CAN AF regs 0xE00C 0000 0xE00C 1000 0xE00C 2000 0xE00C 3000 0xE00C 4000 0xE00C 5000 0xE00C 6000 0xE00C 7000 0xE00C 8000 0xE00C 9000 0xE00C A000 0xE00E 0000 reserved ADC1 ADC2 PWM0 PWM1 PWM3 quadrature encoder PWM2 MSCSS timer0 MSCSS timer1 PCR/VIC subsystem 0xFFFF 8000 0xFFFF 9000 0xFFFF A000 0xFFFF B000 0xFFFF C000 0xFFFF F000 0xFFFF FFFF PMU CGU1 reserved reserved reserved GPIO5 reserved VIC CGU0 RGU 512 MB shadow area remappable to shadow area LPC2921/2923/2925 002aae232 0x2002 0000 128 kB on-chip flash 256 kB on-chip flash flash controller 0x2000 0000 reserved 0x2004 0000 0x2008 0000 0x2020 0000 0x2020 4000 512 kB on-chip flash flash memory |