전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XC6216BC01PR 데이터시트(PDF) 19 Page - Torex Semiconductor

부품명 XC6216BC01PR
상세설명  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOREX [Torex Semiconductor]
홈페이지  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216BC01PR 데이터시트(HTML) 19 Page - Torex Semiconductor

Back Button XC6216BC01PR Datasheet HTML 15Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 16Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 17Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 18Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 19Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 20Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 21Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 22Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
19/43
XC6216/XE6216
Series
SYMBOL
E-1-1
E-1-2
E-2-1
E-2-2
E-3-1
E-3-2
Temperature
/ Ta
25℃
-40~85℃
25℃
-40~85℃
25℃
-40~85℃
PARAMETER
NOMINAL
OUTPUT
VOLTAGE
LOAD
REGULATION
(mV)
LOAD
REGULATION
(mV)
DROPOUT VOLTAGE 1
(mV)
IOUT=20mA
DROPOUT VOLTAGE 1
(mV)
IOUT=20mA
DROPOUT VOLTAGE 2
(mV)
IOUT=100mA
DROPOUT VOLTAGE 2
(mV)
IOUT=100mA
ΔVOUT
ΔVOUT
Vdif1
Vdif1
Vdif2
Vdif2
VOUT(T)
(V)
TYP. MAX. TYP. MAX.
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
TYP.
MAX
8.1
8.2
8.3
8.4
8.5
8.6
8.7
8.8
8.9
9.0
9.1
9.2
9.3
9.4
9.5
9.6
9.7
9.8
9.9
10.0
130
190
130
320
700
950
700
1460
10.1
10.2
10.3
10.4
10.5
10.6
10.7
10.8
10.9
11.0
11.1
11.2
11.3
11.4
11.5
11.6
11.7
11.8
11.9
12.0
110
140
110
150
120
160
120
285
650
850
650
1160
■
ELECTRICAL CHARACTERISTICS (Continued)
●
Voltage Chart 5 (XE6216 Series)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com