전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XC6216BC01PR 데이터시트(PDF) 31 Page - Torex Semiconductor

부품명 XC6216BC01PR
상세설명  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOREX [Torex Semiconductor]
홈페이지  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216BC01PR 데이터시트(HTML) 31 Page - Torex Semiconductor

Back Button XC6216BC01PR Datasheet HTML 27Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 28Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 29Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 30Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 31Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 32Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 33Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 34Page - Torex Semiconductor XC6216BC01PR Datasheet HTML 35Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
31/43
XC6216/XE6216
Series
XC6216B/C/D 202
-6
-4
-2
0
2
4
6
Time (1ms/div)
0
1
2
3
4
5
6
Output Voltage
VIN=4.0V, tr=5μs
IOUT=1mA, CL=1μF (ceramic),Ta=25℃
CE Input Voltage
XC6216B/C/D 202
-6
-4
-2
0
2
4
6
Time(1ms/div)
0
1
2
3
4
5
6
VIN=4.0V, tr=5μs
IOUT=30mA, CL=1μF (ceramic),Ta=25℃
Output Voltage
CE Input Voltage
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(8) Input Rise Time (Continued)
(9) CE Rise Time
XC6216B/D 502
-8
-6
-4
-2
0
2
4
6
8
Time (1ms/div)
0
1
2
3
4
5
6
7
8
VIN=7.0V, tr=5us
IOUT=1mA、CL=1μF(ceramic),Ta=25℃
Output Voltage
Input Voltage
XC6216B/D 502
-8
-6
-4
-2
0
2
4
6
8
Time (1ms/div)
0
1
2
3
4
5
6
7
8
VIN=7.0V, tr=5us
IOUT=30mA、CL=1μF(ceramic),Ta=25℃
Output Voltage
Input Voltage
XC6216B/D C02
-15
-10
-5
0
5
10
15
Time (1ms/div)
0
3
6
9
12
15
18
VIN=14.0V, tr=5us
IOUT=1mA、CL=1μF(ceramic),Ta=25℃
Output Voltage
Input Voltage
XC6216B/D C02
-15
-10
-5
0
5
10
15
Time (1ms/div)
0
3
6
9
12
15
18
VIN=14.0V, tr=5us
IOUT=30mA、CL=1μF(ceramic),Ta=25℃
Output Voltage
Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com