전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XC6216CC01PR 데이터시트(PDF) 37 Page - Torex Semiconductor

부품명 XC6216CC01PR
상세설명  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOREX [Torex Semiconductor]
홈페이지  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216CC01PR 데이터시트(HTML) 37 Page - Torex Semiconductor

Back Button XC6216CC01PR Datasheet HTML 33Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 34Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 35Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 36Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 37Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 38Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 39Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 40Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 41Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
37/43
XC6216/XE6216
Series
●
SOT-25 Power Dissipation
評価基板レイアウト(単位:mm)
Board Mount (Tj max = 125℃)
Ambient Temperature(℃)
Power Dissipation Pd(mW)
Thermal Resistance (℃/W)
25
600
85
240
166.67
Pd-Ta特性グラフ
0
100
200
300
400
500
600
700
25
45
65
85
105
125
周辺温度Ta(℃)
■
PACKAGING INFORMATION (Continued)
Power dissipation data for the SOT-25 is shown in this page.
The value of power dissipation varies with the mount board conditions.
Please use this data as one of reference data taken in the described condition.
1.
Measurement Condition (Reference data)
Condition:
Mount on a board
Ambient:
Natural convection
Soldering:
Lead (Pb) free
Board:
Dimensions 40 x 40 mm (1600 mm
2 in one side)
Copper (Cu) traces occupy 50% of the board area
In top and back faces
Package heat-sink is tied to the copper traces
(Board of SOT-26 is used.)
Material:
Glass Epoxy (FR-4)
Thickness:
1.6 mm
Through-hole:
4 x 0.8 Diameter
Evaluation Board (Unit: mm)
2. Power Dissipation vs. Operating temperature
Pd vs. Ta
Ambient Temperature Ta (℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com