전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XC6216CC01PR 데이터시트(PDF) 42 Page - Torex Semiconductor

부품명 XC6216CC01PR
상세설명  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOREX [Torex Semiconductor]
홈페이지  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216CC01PR 데이터시트(HTML) 42 Page - Torex Semiconductor

Back Button XC6216CC01PR Datasheet HTML 35Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 36Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 37Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 38Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 39Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 40Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 41Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 42Page - Torex Semiconductor XC6216CC01PR Datasheet HTML 43Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 42 / 43 page
background image
42/43
XC6216/XE6216 Series
Bar marking of a-b-c-d combination represents production year.
Bar marking of e-f-g-h combination represents production month.
MARK
PRODUCT SERIES
2
XE6216xxxxxx
MARK
VOLTAGE (V)
PRODUCT SERIES
0
2.0~3.0
1
3.1~6.0
2
6.1~9.0
3
9.1~12.0
XE6216Bxxxxx
MARK
VOLTAGE(V)
MARK
VOLTAGE(V)
0
-
3.1
6.1
9.1
E
-
4.6
7.6
10.6
1
-
3.2
6.2
9.2
F
-
4.7
7.7
10.7
2
-
3.3
6.3
9.3
H
-
4.8
7.8
10.8
3
-
3.4
6.4
9.4
K
-
4.9
7.9
10.9
4
-
3.5
6.5
9.5
L
2.0
5.0
8.0
11.0
5
-
3.6
6.6
9.6
M
2.1
5.0
8.1
11.1
6
-
3.7
6.7
9.7
N
2.2
5.2
8.2
11.2
7
-
3.8
6.8
9.8
P
2.3
5.3
8.3
11.3
8
-
3.9
6.9
9.9
R
2.4
5.4
8.4
11.4
9
-
4.0
7.0
10.0
S
2.5
5.5
8.5
11.5
A
-
4.1
7.1
10.1
T
2.6
5.6
8.6
11.6
B
-
4.2
7.2
10.2
U
2.7
5.7
8.7
11.7
C
-
4.3
7.3
10.3
V
2.8
5.8
8.8
11.8
D
-
4.4
7.4
10.4
X
2.9
5.9
8.9
11.9
E
-
4.5
7.5
10.5
Y
3.0
6.0
9.0
12.0
Production
Year
a
b
c
d
xxx0
□
-
-
-
xxx1
-
□
-
-
xxx2
-
-
□
-
xxx3
-
-
-
□
xxx4
□
□
-
-
xxx5
□
-
□
-
xxx6
□
-
-
□
xxx7
-
□
□
-
xxx8
-
□
-
□
xxx9
-
-
□
□
■
MARKING RULE (XE6216 Series)
●
SOT-89-5
①
represents the product number
②
represents the voltage range
③
represents the output voltage
④
represents assembly lot number
0,・・・,9, A,B,・・・,Z,0,・・・,9,A,B,・・・,Z,0,・・・ repeated (G, I, J, O, Q, W excluded)
Production
Month
e
f
g
h
January
□
-
-
-
February
-
□
-
-
March
-
-
□
-
April
-
-
-
□
May
□
□
-
-
June
□
-
□
-
July
□
-
-
□
August
-
□
□
-
September
-
□
-
□
October
-
-
□
□
November
□
□
□
-
December
□
□
-
□
SOT-89-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com