전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3785R 데이터시트(PDF) 10 Page - Sony Corporation

부품명 CXA3785R
상세설명  Audio Driver for TV
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3785R 데이터시트(HTML) 10 Page - Sony Corporation

Back Button CXA3785R Datasheet HTML 6Page - Sony Corporation CXA3785R Datasheet HTML 7Page - Sony Corporation CXA3785R Datasheet HTML 8Page - Sony Corporation CXA3785R Datasheet HTML 9Page - Sony Corporation CXA3785R Datasheet HTML 10Page - Sony Corporation CXA3785R Datasheet HTML 11Page - Sony Corporation CXA3785R Datasheet HTML 12Page - Sony Corporation CXA3785R Datasheet HTML 13Page - Sony Corporation CXA3785R Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
CXA3785R
- 10 -
45
46
MT_CNT
MTSEL_CNT
49
SCL
50
SDA
51
REG33
52
REG33NFB
Pin
Symbol
Equivalent circuit
DVDD
DGND
DVDD
DGND
DGND
100k
Ω
45
46
49
DGND
DVDD
DGND
500
Ω
50
DGND
DVDD
DGND
DGND
DVDD
DGND
500
Ω
2k
Ω
2pF
10k
Ω
51
10pF
1k
Ω
2.5k
Ω
VUNREG_REF
VUNREG_REF
GND_REF
GND_REF
52
40k
Ω
26k
Ω
VUNREG_REF
VUNREG_REF
GND_REF
GND_REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com