전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3785R 데이터시트(PDF) 3 Page - Sony Corporation

부품명 CXA3785R
상세설명  Audio Driver for TV
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3785R 데이터시트(HTML) 3 Page - Sony Corporation

  CXA3785R Datasheet HTML 1Page - Sony Corporation CXA3785R Datasheet HTML 2Page - Sony Corporation CXA3785R Datasheet HTML 3Page - Sony Corporation CXA3785R Datasheet HTML 4Page - Sony Corporation CXA3785R Datasheet HTML 5Page - Sony Corporation CXA3785R Datasheet HTML 6Page - Sony Corporation CXA3785R Datasheet HTML 7Page - Sony Corporation CXA3785R Datasheet HTML 8Page - Sony Corporation CXA3785R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
CXA3785R
- 3 -
Block Diagram
Logic
BGR
BGR
Mute control
SPDET_L
SPDET_R
Bandgap
reference
Current reference
SCL
SDA
REG33
REG33NFB
GND_REF
REGAUD
VUNREG_REF
AMP1_MT
SPRN
SPRP
SPLN
SPLP
GND_MT
VUNREG_MT
AMP2_MT
AMP3_MT
GND_AMP2
AMP2OUTR
AMP2INR
REF
CREF
CREFH
AMP3OUTL
GND_AMP3
AMP3OUTR
VCC_AMP3
SEL1INL
SEL2INL
30k
Ω
30k
Ω
60k
Ω
DETAUD
3rd order
LPF
3rd order
LPF
3rd order
LPF
3rd order
LPF
DETUNREG
DET33
REF
AMP1INR_P
AMP2OUTL
AMP2INL
VCC_AMP2
AMP2AG
(+4 to +16dB/1dB)
AMP3AG
(+4 to +16dB/1dB)
HPAG
(+8 to +20dB/1dB)
AMP1AG
(+4 to +16dB/1dB)
AMP4
(Differential input amp)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
48
47
46
45
44
43
42
41
40
39
23
37
36
35
34
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com