전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VT10 데이터시트(PDF) 5 Page - Extech Instruments Corporation.

부품명 VT10
상세설명  Multifunction Voltage Tester
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXTECH [Extech Instruments Corporation.]
홈페이지  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

VT10 데이터시트(HTML) 5 Page - Extech Instruments Corporation.

  VT10 Datasheet HTML 1Page - Extech Instruments Corporation. VT10 Datasheet HTML 2Page - Extech Instruments Corporation. VT10 Datasheet HTML 3Page - Extech Instruments Corporation. VT10 Datasheet HTML 4Page - Extech Instruments Corporation. VT10 Datasheet HTML 5Page - Extech Instruments Corporation. VT10 Datasheet HTML 6Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
VT10 V2.0 08/06
5
Maintenance
Battery replacement
1.
Disconnect the meter from any test device or circuit before
opening the tester.
2.
Loosen the recessed Phillips head screw at the bottom of the
tester. Do not remove the screw.
3.
Hold the meter and pull the lower portion of the meter off until
the batteries are exposed.
4.
Replace the two ‘AAA’ batteries observing polarity and dispose
of the old batteries properly.
5.
Slide the meter back together and replace the screw.
Cleaning and Storage
Before cleaning the tester, ensure that the test leads are not connected to any circuit or
device. Wipe the meter only with a damp cloth as needed. Do not apply abrasives, solvents,
or other cleaners to the surface of the meter. Store with the battery removed and avoid
extreme temperature and humidity.
Specifications
Voltage LED steps
AC: 24, 48, 120, 208, 240, 277, 480, 600
DC: 6, 12, 24, 36, 48, 110, 220, 400
ACV frequency range
50/60Hz
LED enable input voltage
>4.5V AC/DC
Accuracy
-30% to 0% of the indication
Range selection
Automatic
Max measuring current
≤1.2mA (600VAC); ≤1.0mA (400VDC)
Display delay
LED indication <0.1s
Input Impedance
1MΩ (approx)
Continuity test
Range 0 to 400kΩ, guaranteed on < 50kΩ; <10µA test
current;
Low impedance test
12-250VAC/DC; impedance <6kΩ;
Operation time:
30 seconds on/10 minute off duty cycle
Power supply
2 x “AAA” 1.5V alkaline batteries, 50mA max
Battery life
Approx. 8 hours continuous use typical
Operating Temperature
14 to 131
oF (-10 to 55oC)
Storage Temperature
-22 to 140
oF (-30 to 60oC)
Operating Humidity
10 to 85% RH (non-condensing)
Operating Altitude
7000 ft. (2000 meters) maximum
Safety
This meter is intended for origin of installation use and
protected, against the users, by double insulation per
EN61243-3 and IEC61243-3 to Category IV 600V and
Category III 1000V; Pollution Degree 2.
Approvals
CE, IP64
Dimensions
9.4 x 3 x 1.6” (240 x 78 x 40mm)
Weight
9.2oz (260g)



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com