전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9547 데이터시트(PDF) 65 Page - Analog Devices

부품명 AD9547
상세설명  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9547 데이터시트(HTML) 65 Page - Analog Devices

Back Button AD9547 Datasheet HTML 61Page - Analog Devices AD9547 Datasheet HTML 62Page - Analog Devices AD9547 Datasheet HTML 63Page - Analog Devices AD9547 Datasheet HTML 64Page - Analog Devices AD9547 Datasheet HTML 65Page - Analog Devices AD9547 Datasheet HTML 66Page - Analog Devices AD9547 Datasheet HTML 67Page - Analog Devices AD9547 Datasheet HTML 68Page - Analog Devices AD9547 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 104 page
background image
AD9547
Rev. 0 | Page 65 of 104
Addr
Opt1
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
Status Readback (These registers are read only and are accessible during EEPROM transactions.)
0x0D00
R
EEPROM
Unused
Fault
detected
Load in
progress
Save in
progress
0x0D01
R
SYSCLK
Unused
Stable
Unused
Cal
in progress
Lock
detected
0x0D02
R
IRQ monitor
Unused
SYSCLK
unlocked
SYSCLK
locked
Unused
SYSCLK cal
complete
SYSCLK cal
started
0x0D03
R
Unused
Distribution
sync
Watchdog
timer
EEPROM
fault
EEPROM
complete
0x0D04
R
Switching
Closed
Free run
Holdover
Frequency
unlocked
Frequency
locked
Phase
unlocked
Phase
locked
0x0D05
R
Unused
History
updated
Frequency
unclamped
Frequency
clamped
Phase slew
unlimited
Phase slew
limited
0x0D06
R
Ref AA
new profile
Ref AA
validated
Ref AA
fault cleared
Ref AA fault
Ref A
new profile
Ref A
validated
Ref A
fault cleared
Ref A
fault
0x0D07
R
Ref BB
new profile
Ref BB
validated
Ref BB
fault cleared
Ref BB
fault
Ref B
new profile
Ref B
validated
Ref B
fault cleared
Ref B
fault
0x0D08
R
Unused
0x0D09
R
0x0D0A
R, C
DPLL status
Offset slew
limiting
Phase
build-out
Frequency
lock
Phase lock
Loop
switching
Holdover
Active
Free
running
0x0D0B
R, C
Frequency
clamped
History
available
Active reference priority[2:0]
Unused
Active reference[1:0]
0x0D0C
R, C
Ref A input
reference
status
Profile
selected
Selected profile[2:0]
Valid
Fault
Fast
Slow
0x0D0
D
R, C
Ref AA input
reference
status
Profile
selected
Selected profile[2:0]
Valid
Fault
Fast
Slow
0x0D0E
R, C
Ref B input
reference
status
Profile
selected
Selected profile[2:0]
Valid
Fault
Fast
Slow
0x0D0F
R, C
Ref BB input
reference
status
Profile
selected
Selected profile[2:0]
Valid
Fault
Fast
Slow
0x0D10
R, C
Unused
Unused
0x0D11
R, C
0x0D12
R, C
0x0D13
R, C
0x0D14
R, C
Holdover
history
Tuning word history[47:0]
0x0D15
R, C
0x0D16
R, C
0x0D17
R, C
0x0D18
R, C
0x0D19
R, C
Nonvolatile Memory (EEPROM) Control
0x0E00
Write protect
Unused
Half rate
mode
Write
enable
0x00
0x0E01
E
Condition
Unused
Condition value[4:0]
0x00
0x0E02
A, E
Save
Unused
Save to
EEPROM
0x00
0x0E03
A, E
Load
Unused
Load from
EEPROM
Unused
0x00
EEPROM Storage Sequence
0x0E10
E
SYSCLK
settings
Data: 9 bytes
0x08
0x0E11
E
Address: 0x0100
0x01
0x0E12
E
0x00
0x0E13
E
I/O update
Action: I/O update
0x80
0x0E14
E
SYSCLK
calibration
Action: calibrate system clock
0xA0
0x0E15
E
General
configuration
settings
Data: 21 bytes
0x14
0x0E16
E
Address: 0x0200
0x02
0x0E17
E
0x00
0x0E18
E
DPLL settings
Data: 28 bytes
0x1B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More