전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9547 데이터시트(PDF) 66 Page - Analog Devices

부품명 AD9547
상세설명  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9547 데이터시트(HTML) 66 Page - Analog Devices

Back Button AD9547 Datasheet HTML 62Page - Analog Devices AD9547 Datasheet HTML 63Page - Analog Devices AD9547 Datasheet HTML 64Page - Analog Devices AD9547 Datasheet HTML 65Page - Analog Devices AD9547 Datasheet HTML 66Page - Analog Devices AD9547 Datasheet HTML 67Page - Analog Devices AD9547 Datasheet HTML 68Page - Analog Devices AD9547 Datasheet HTML 69Page - Analog Devices AD9547 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 104 page
background image
AD9547
Rev. 0 | Page 66 of 104
Addr
Opt1
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
0x0E19
E
Address: 0x0300
0x03
0x0E1A
E
0x00
0x0E1B
E
Clock
distribution
settings
Data: 26 bytes
0x19
0x0E1C
E
Address: 0x0400
0x04
0x0E1D
E
0x00
0x0E1E
E
I/O update
Action: I/O update
0x80
0x0E1F
E
Reference
input settings
Data: 8 bytes
0x07
0x0E20
E
Address: 0x0500
0x05
0x0E21
E
0x00
0x0E22
E
Profile 0 and
Profile 1
settings
Data: 100 bytes
0x63
0x0E23
E
Address: 0x0600
0x06
0x0E24
E
0x00
0x0E25
E
Profile2 and
Profile 3
settings
Data: 100 bytes
0x63
0x0E26
E
Address: 0x0680
0x06
0x0E27
E
0x80
0x0E28
E
Profile 4 and
Profile 5
settings
Data: 100 bytes
0x63
0x0E29
E
Address: 0x0700
0x07
0x0E2A
E
0x00
0x0E2B
E
Profile 6 and
Profile 7
settings
Data: 100 bytes
0x63
0x0E2C
E
Address: 0x0780
0x07
0x0E2D
E
0x80
0x0E2E
E
I/O update
Action: I/O update
0x80
0x0E2F
E
Operational
control
settings
Data: 17 bytes
0x10
0x0E30
E
Address: 0x0A00
0x0A
0x0E31
E
0x00
0x0E32
E
I/O update
Action: I/O update
0x80
0x0E33
E
End of data
Action: end of data
0xFF
0x0E34
to
0x0E3F
E
Continuation of scratch pad area
1 See the I/O Programming Registers section for an explanation of the Opt column.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More