전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP4082E 데이터시트(PDF) 10 Page - Exar Corporation

부품명 SP4082E
상세설명  5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

SP4082E 데이터시트(HTML) 10 Page - Exar Corporation

Back Button SP4082E Datasheet HTML 6Page - Exar Corporation SP4082E Datasheet HTML 7Page - Exar Corporation SP4082E Datasheet HTML 8Page - Exar Corporation SP4082E Datasheet HTML 9Page - Exar Corporation SP4082E Datasheet HTML 10Page - Exar Corporation SP4082E Datasheet HTML 11Page - Exar Corporation SP4082E Datasheet HTML 12Page - Exar Corporation SP4082E Datasheet HTML 13Page - Exar Corporation SP4082E Datasheet HTML 14Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)6687000 • Fax (50)668-707 • www.exar.com
SP4082E_00_22007
0
FUNCTION TABLES
Transmitting
Inputs
Outputs
RE
DE
DI
A
B
X



0
X

0
0

0
0
X
High-Z

0
X
Shutdown
Receiving
Inputs
Output
RE
DE
V
A - VB
RO
0
X
≥ -40mV

0
X
≤-200mV
0
0
X
Open/shorted



X
High-Z

0
X
Shutdown
Note: Receiver inputs -200mV < VA - VB < -40mV, should be considered indeterminate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com