전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP4082E 데이터시트(PDF) 3 Page - Exar Corporation

부품명 SP4082E
상세설명  5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

SP4082E 데이터시트(HTML) 3 Page - Exar Corporation

  SP4082E Datasheet HTML 1Page - Exar Corporation SP4082E Datasheet HTML 2Page - Exar Corporation SP4082E Datasheet HTML 3Page - Exar Corporation SP4082E Datasheet HTML 4Page - Exar Corporation SP4082E Datasheet HTML 5Page - Exar Corporation SP4082E Datasheet HTML 6Page - Exar Corporation SP4082E Datasheet HTML 7Page - Exar Corporation SP4082E Datasheet HTML 8Page - Exar Corporation SP4082E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)6687000 • Fax (50)668-707 • www.exar.com
SP4082E_00_22007
ABSOLUTE MAxIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
These are stress ratings only and functional opera-
tion of the device at these ratings or any other above
those indicated in the operation sections of the speci-
fications below is not implied. Exposure to absolute
maximum rating conditions for extended periods of
time may affect reliability.
Supply Voltage (VCC)...............................................+ 7.0V
Input voltage at control input pins (RE, DE) ..... -0.3V to Vcc+0.3V
Driver input voltage (DI) .....................-0.3V to Vcc+0.3V
Driver output voltage (A, B, Y, and Z) ...................+/-3V
Receiver output voltage (RO) ........-0.3V to (Vcc + 0.3V)
Receiver input voltage (A, B) ................................+/-3V
Package Power Dissipation:
Maximum Junction Temperature 50°C
8-Pin SO Øja = 28.4°C/W
Storage Temperature.............................-65°C to +50°C
Lead Temperature (soldering, 0s)..................... +300°C
Recommended Operating Conditions
Min.
Nom.
Max.
Unit
Supply Voltage, Vcc
4.5
5
5.5
V
Input Voltage on A and B pins
-7
2
V
High-level input voltage (DI, DE or RE), Vih
2
Vcc
V
Low-level input voltage (DI, DE or RE), Vih
0
0.8
V
Output Current
Driver
-60
60
mA
Receiver
-8
8
Operating Free Air
Temperature, Ta
Industrial Grade (E)
-40
85
°C
Note: The least positive (most negative) limit is designated as the maxium value.
Vcc=5V ±5%, Tmin to Tmax, unless otherwise noted, Typical values are Vcc=5V and Ta=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com