전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC2F35E2 데이터시트(PDF) 6 Page - Megawin Technology Co., Ltd

부품명 MPC2F35E2
상세설명  Low-speed USB micro-controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MEGAWIN [Megawin Technology Co., Ltd]
홈페이지  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC2F35E2 데이터시트(HTML) 6 Page - Megawin Technology Co., Ltd

Back Button MPC2F35E2 Datasheet HTML 2Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 3Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 4Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 5Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 6Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 7Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 8Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 9Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 10Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
6
MPC2F35_USB Data Sheet
MEGAWIN
Stack Pointer (S)
The stack pointer is an 8-bit register, which is used to control the addressing of the variable-length stack.
The stack pointer is automatically incremented and decremented under the control of the MCU to
perform the stack manipulations. The stack allows simple implementation of nested subroutines and
multiple level interrupts. The stack pointer is initialized by the user’s firmware.
Memory Map
There is a zero page working RAM (0000H ~ 007FH), a stack area (0180H ~ 01FFH) and two special
function register areas (SFR, 00C0H ~ 00FFH and 0200H ~ 027FH) in MPC2F35. The locations 0100H
to 017FH and the locations 0000H to 007FH share the same memory block, so MPC2F35 has a 256
bytes on-chip SRAM (zero page working RAM and stack area) and an 8k bytes on-chip flash ROM,
which are addressed from 8000H to 9FFFH. The address mapping of MPC2F35 is shown as below.
Zero Page
Working RAM
0000H
007FH
Memory Map
017FH
0100H
0080H~00BFH
00C0H~00FFH
0180H
01FFH
Stack Area
0200H
027FH
SFR
SFR
Program
9FFFH
A000H
7FFFH
8000H ~ 800FH
FFFFH
8010H
-
-
Interrupt Vector Area
RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46