전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7263BHX 데이터시트(PDF) 54 Page - STMicroelectronics

부품명 ST7263BHX
상세설명  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHX 데이터시트(HTML) 54 Page - STMicroelectronics

Back Button ST7263BHX_09 Datasheet HTML 50Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 51Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 52Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 53Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 54Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 55Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 56Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 57Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 186 page
background image
On-chip peripherals
ST7263Bxx
54/186
Doc ID 7516 Rev 8
11
On-chip peripherals
11.1
Watchdog timer (WDG)
11.1.1
Introduction
The Watchdog timer is used to detect the occurrence of a software fault, usually generated
by external interference or by unforeseen logical conditions, which causes the application
program to abandon its normal sequence. The Watchdog circuit generates an MCU reset on
expiry of a programmed time period, unless the program refreshes the counter’s contents
before the T6 bit becomes cleared.
11.1.2
Main features
●
Programmable free-running counter (64 increments of 49,152 CPU cycles)
●
Programmable reset
●
Reset (if watchdog activated) when the T6 bit reaches zero
●
Optional reset on HALT instruction (configurable by option byte)
●
Hardware Watchdog selectable by option byte.
11.1.3
Functional description
The counter value stored in the CR register (bits T6:T0), is decremented every 49,152
machine cycles, and the length of the timeout period can be programmed by the user in 64
increments.
If the watchdog is activated (the WDGA bit is set) and when the 7-bit timer (bits T6:T0) rolls
over from 40h to 3Fh (T6 becomes cleared), it initiates a reset cycle by driving low the reset
pin for tW(RSTL)out (see Table 72).
The application program must write in the CR register at regular intervals during normal
operation to prevent an MCU reset. This down counter is free-running: it counts down even if
the watchdog is disabled. The value to be stored in the CR register must be between FFh
and C0h (see Table 17):
●
The WDGA bit is set (watchdog enabled)
●
The T6 bit is set to prevent generating an immediate reset
●
The T5:T0 bits contain the number of increments which represents the time delay
before the watchdog produces a reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com