전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7263BHX 데이터시트(PDF) 50 Page - STMicroelectronics

부품명 ST7263BHX
상세설명  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHX 데이터시트(HTML) 50 Page - STMicroelectronics

Back Button ST7263BHX_09 Datasheet HTML 46Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 47Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 48Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 49Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 50Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 51Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 52Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 53Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 186 page
background image
I/O ports
ST7263Bxx
50/186
Doc ID 7516 Rev 8
9.3.4
Port D
9.3.5
Register description
DATA registers (PxDR)
Address
Port A Data register (PADR): 0000h
Port B Data register (PBDR): 0002h
Port C Data register (PCDR): 0004h
Port D Data register (PDDR): 0006h
Reset value
Port A: 0000 0000 (00h)
Port B: 0000 0000 (00h)
Port C: 1111 x000 (FXh)
Port D: 0000 0000 (00h)
Note:
For Port C, unused bits (7-3) are not accessible.
The DR register has a specific behavior according to the selected input/output configuration.
Writing the DR register is always taken into account even if the pin is configured as an input.
Reading the DR register returns either the DR register latch content (pin configured as
output) or the digital value applied to the I/O pin (pin configured as input).
Note:
When using open-drain I/Os in output configuration, the value read in DR is the digital value
applied to the I/Opin.
Table 15.
Port D description
Port D
I / O
Alternate function
Input(1)
Output
Signal
Condition
PD0
without pull-up
push-pull
Analog input (ADC)
CH[3:0] = 1000
(ADCCSR)
PD1
without pull-up
push-pull
Analog input (ADC)
CH[3:0] = 1001
(ADCCSR)
PD2
without pull-up
push-pull
Analog input (ADC)
CH[3:0] = 1010
(ADCCSR)
PD3
without pull-up
push-pull
Analog input (ADC)
CH[3:0] = 1011
(ADCCSR)
PD4
with pull-up
push-pull
PD5
with pull-up
push-pull
PD6
with pull-up
push-pull
PD7
with pull-up
push-pull
1.
Reset state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com