| 전자부품 데이터시트 검색엔진 |
|
STM32F103C4T7XXX 데이터시트(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103C4T7XXX 데이터시트(HTML) 28 Page - STMicroelectronics |
|
28 / 80 page ![]() Electrical characteristics STM32F103x4, STM32F103x6 28/80 Doc ID 15060 Rev 3 5.1.6 Power supply scheme Figure 10. Power supply scheme Caution: In Figure 10, the 4.7 µF capacitor must be connected to VDD3. Figure 8. Pin loading conditions Figure 9. Pin input voltage ai14141 C = 50 pF STM32F103xx pin ai14142 STM32F103xx pin VIN ai15496 VDD 1/2/3/4/5 Analog: RCs, PLL, ... Po wer swi tch VBAT GP I/O s OUT IN Kernel logic (CPU, Digital & Memories) Backup circuitry (OSC32K,RTC, Backup registers) Wakeup logic 5 × 100 nF + 1 × 4.7 µF 1.8-3.6V Regulator VSS 1/2/3/4/5 VDDA VSSA ADC IO Logic VDD 10 nF + 1 µF VDD VREF+ VREF- 10 nF + 1 µF VREF |