| 전자부품 데이터시트 검색엔진 |
|
MCP3204-CI/ST 데이터시트(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3204-CI/ST 데이터시트(HTML) 23 Page - Microchip Technology |
|
23 / 40 page ![]() © 2008 Microchip Technology Inc. DS21298E-page 23 MCP3204/3208 FIGURE 6-3: The MCP601 Operational Amplifier is used to implement a second order anti-aliasing filter for the signal being converted by the MCP3204. 6.4 Layout Considerations When laying out a printed circuit board for use with analog components, care should be taken to reduce noise wherever possible. A bypass capacitor should always be used with this device, placed as close as possible to the device pin. A bypass capacitor value of 1 µF is recommended. Digital and analog traces should be separated as much as possible on the board, with no traces running underneath the device or the bypass capacitor. Extra precautions should be taken to keep traces with high frequency signals (such as clock lines) as far as possible from analog traces. Use of an analog ground plane is recommended in order to keep the ground potential the same for all devices on the board. Providing VDD connections to devices in a “star” configuration can also reduce noise by eliminating return current paths and associated errors (see Figure 6-4). For more information on layout tips when using A/D converters, refer to AN688, “Layout Tips for 12-Bit A/D converter Applications” . FIGURE 6-4: V DD traces arranged in a ‘Star’ configuration in order to reduce errors caused by current return paths. MCP3204 VDD 10 µF IN- IN+ - + VIN C1 C2 VREF 4.096V Reference 1µF 1µF 0.1 µF MCP601 R1 R2 R3 R4 MCP1541 V DD Connection Device 1 Device 2 Device 3 Device 4 |