| 전자부품 데이터시트 검색엔진 |
|
MCP3204-CI/ST 데이터시트(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3204-CI/ST 데이터시트(HTML) 37 Page - Microchip Technology |
|
37 / 40 page ![]() © 2008 Microchip Technology Inc. DS21298E-page 37 MCP3204/3208 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. –X X /XX Package Grade Device Device MCP3204: 4-Channel 12-Bit Serial A/D Converter MCP3204T: 4-Channel 12-Bit Serial A/D Converter (Tape and Reel) MCP3208: 8-Channel 12-Bit Serial A/D Converter MCP3208T: 8-Channel 12-Bit Serial A/D Converter (Tape and Reel) Grade: B = ±1 LSB INL C= ±2 LSB INL Temperature Range I = -40 °C to +85°C (Industrial) Package P = Plastic DIP (300 mil Body), 14-lead, 16-lead SL = Plastic SOIC (150 mil Body), 14-lead, 16-lead ST = Plastic TSSOP (4.4mm), 14-lead Examples: a) MCP3204-BI/P: ±1 LSB INL, Industrial Temperature, PDIP package. b) MCP3204-BI/SL: ±1 LSB INL, Industrial Temperature, SOIC package. c) MCP3204-CI/ST: ±2 LSB INL, Industrial Temperature, TSSOP package. a) MCP3208-BI/P: ±1 LSB INL, Industrial Temperature, PDIP package. b) MCP3208-BI/SL: ±1 LSB INL, Industrial Temperature, SOIC package. c) MCP3208-CI/ST: ±2 LSB INL, Industrial Temperature, TSSOP package. Temperature Range |