전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

25AA040AX-E/MS 데이터시트(PDF) 9 Page - Microchip Technology

부품명 25AA040AX-E/MS
상세설명  4K SPI Bus Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA040AX-E/MS 데이터시트(HTML) 9 Page - Microchip Technology

Back Button 25AA040AX-E/MS Datasheet HTML 5Page - Microchip Technology 25AA040AX-E/MS Datasheet HTML 6Page - Microchip Technology 25AA040AX-E/MS Datasheet HTML 7Page - Microchip Technology 25AA040AX-E/MS Datasheet HTML 8Page - Microchip Technology 25AA040AX-E/MS Datasheet HTML 9Page - Microchip Technology 25AA040AX-E/MS Datasheet HTML 10Page - Microchip Technology 25AA040AX-E/MS Datasheet HTML 11Page - Microchip Technology 25AA040AX-E/MS Datasheet HTML 12Page - Microchip Technology 25AA040AX-E/MS Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
© 2009 Microchip Technology Inc.
DS21827F-page 9
25AA040A/25LC040A
2.4
Write Enable (WREN) and Write
Disable (WRDI)
The 25XX040A contains a write enable latch.
See
Table 2-4 for the Write-Protect Functionality Matrix.
This latch must be set before any write operation will be
completed internally. The WREN instruction will set the
latch, and the WRDI will reset the latch.
The following is a list of conditions under which the
write enable latch will be reset:
• Power-up
• WRDI instruction successfully executed
• WRSR instruction successfully executed
• WRITE instruction successfully executed
•WP pin is brought low
FIGURE 2-4:
WRITE ENABLE SEQUENCE (WREN)
FIGURE 2-5:
WRITE DISABLE SEQUENCE (WRDI)
SCK
0
2
34
56
7
1
SI
High-impedance
SO
CS
01
00
00
0
1
SCK
0
2345
67
1
SI
High-impedance
SO
CS
01
00
00
0
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30