전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP23018-E/SP 데이터시트(PDF) 21 Page - Microchip Technology

부품명 MCP23018-E/SP
상세설명  16-Bit I/O Expander with Open-Drain Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23018-E/SP 데이터시트(HTML) 21 Page - Microchip Technology

Back Button MCP23018-E/SP Datasheet HTML 17Page - Microchip Technology MCP23018-E/SP Datasheet HTML 18Page - Microchip Technology MCP23018-E/SP Datasheet HTML 19Page - Microchip Technology MCP23018-E/SP Datasheet HTML 20Page - Microchip Technology MCP23018-E/SP Datasheet HTML 21Page - Microchip Technology MCP23018-E/SP Datasheet HTML 22Page - Microchip Technology MCP23018-E/SP Datasheet HTML 23Page - Microchip Technology MCP23018-E/SP Datasheet HTML 24Page - Microchip Technology MCP23018-E/SP Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
© 2008 Microchip Technology Inc.
DS22103A-page 21
MCP23018/MCP23S18
1.6.4
DEFAULT COMPARE REGISTER
FOR INTERRUPT-ON-CHANGE
The default comparison value is configured in the
DEFVAL register. If enabled (via GPINTEN and INT-
CON) to compare against the DEFVAL register, an
opposite value on the associated pin will cause an
interrupt to occur.
REGISTER 1-6:
DEFVAL – DEFAULT VALUE REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
DEF7
DEF6
DEF5
DEF4
DEF3
DEF2
DEF1
DEF0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
DEF7:DEF0: Sets the compare value for pins configured for interrupt-on-change from defaults <7:0>.
Refer to INTCON.
If the associated pin level is the opposite from the register bit, an interrupt occurs.
Refer to INTCON and GPINTEN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56