전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP23018-E/SP 데이터시트(PDF) 43 Page - Microchip Technology

부품명 MCP23018-E/SP
상세설명  16-Bit I/O Expander with Open-Drain Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23018-E/SP 데이터시트(HTML) 43 Page - Microchip Technology

Back Button MCP23018-E/SP Datasheet HTML 39Page - Microchip Technology MCP23018-E/SP Datasheet HTML 40Page - Microchip Technology MCP23018-E/SP Datasheet HTML 41Page - Microchip Technology MCP23018-E/SP Datasheet HTML 42Page - Microchip Technology MCP23018-E/SP Datasheet HTML 43Page - Microchip Technology MCP23018-E/SP Datasheet HTML 44Page - Microchip Technology MCP23018-E/SP Datasheet HTML 45Page - Microchip Technology MCP23018-E/SP Datasheet HTML 46Page - Microchip Technology MCP23018-E/SP Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
© 2008 Microchip Technology Inc.
DS22103A-page 43
MCP23018/MCP23S18
3.0
PACKAGING INFORMATION
3.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
24-Lead SSOP (MCP23018 only)
Example:
XXXXXXXXXXXX
XXXXXXXXXXXX
YYWWNNN
24-Lead QFN
Example
XXXXX
XXXXXX
XXXXXX
YWWNNN
23018
E/MJ^^
0838
256
3
e
MCP23018
E/SS^^
0838256
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56