전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F2221 데이터시트(PDF) 56 Page - Microchip Technology

부품명 PIC18F2221
상세설명  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2221 데이터시트(HTML) 56 Page - Microchip Technology

Back Button PIC18F2221 Datasheet HTML 52Page - Microchip Technology PIC18F2221 Datasheet HTML 53Page - Microchip Technology PIC18F2221 Datasheet HTML 54Page - Microchip Technology PIC18F2221 Datasheet HTML 55Page - Microchip Technology PIC18F2221 Datasheet HTML 56Page - Microchip Technology PIC18F2221 Datasheet HTML 57Page - Microchip Technology PIC18F2221 Datasheet HTML 58Page - Microchip Technology PIC18F2221 Datasheet HTML 59Page - Microchip Technology PIC18F2221 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 402 page
background image
PIC18F2221/2321/4221/4321 FAMILY
DS39689F-page 56
© 2009 Microchip Technology Inc.
FSR1H
2221 2321 4221 4321
---- 0000
---- 0000
---- uuuu
FSR1L
2221 2321 4221 4321
xxxx xxxx
uuuu uuuu
uuuu uuuu
BSR
2221 2321 4221 4321
---- 0000
---- 0000
---- uuuu
INDF2
2221 2321 4221 4321
N/A
N/A
N/A
POSTINC2
2221 2321 4221 4321
N/A
N/A
N/A
POSTDEC2
2221 2321 4221 4321
N/A
N/A
N/A
PREINC2
2221 2321 4221 4321
N/A
N/A
N/A
PLUSW2
2221 2321 4221 4321
N/A
N/A
N/A
FSR2H
2221 2321 4221 4321
---- 0000
---- 0000
---- uuuu
FSR2L
2221 2321 4221 4321
xxxx xxxx
uuuu uuuu
uuuu uuuu
STATUS
2221 2321 4221 4321
---x xxxx
---u uuuu
---u uuuu
TMR0H
2221 2321 4221 4321
0000 0000
0000 0000
uuuu uuuu
TMR0L
2221 2321 4221 4321
xxxx xxxx
uuuu uuuu
uuuu uuuu
T0CON
2221 2321 4221 4321
1111 1111
1111 1111
uuuu uuuu
OSCCON
2221 2321 4221 4321
0100 q000
0100 q000
uuuu uuqu
HLVDCON
2221 2321 4221 4321
0-00 0101
0-00 0101
u-uu uuuu
WDTCON
2221 2321 4221 4321
---- ---0
---- ---0
---- ---u
RCON(4)
2221 2321 4221 4321
0q-1 11q0
0q-q qquu
uq-u qquu
TMR1H
2221 2321 4221 4321
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1L
2221 2321 4221 4321
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
2221 2321 4221 4321
0000 0000
u0uu uuuu
uuuu uuuu
TMR2
2221 2321 4221 4321
0000 0000
0000 0000
uuuu uuuu
PR2
2221 2321 4221 4321
1111 1111
1111 1111
1111 1111
T2CON
2221 2321 4221 4321
-000 0000
-000 0000
-uuu uuuu
SSPBUF
2221 2321 4221 4321
xxxx xxxx
uuuu uuuu
uuuu uuuu
SSPADD
2221 2321 4221 4321
0000 0000
0000 0000
uuuu uuuu
SSPSTAT
2221 2321 4221 4321
0000 0000
0000 0000
uuuu uuuu
SSPCON1
2221 2321 4221 4321
0000 0000
0000 0000
uuuu uuuu
SSPCON2
2221 2321 4221 4321
0000 0000
0000 0000
uuuu uuuu
TABLE 5-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 5-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com