전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F2221 데이터시트(PDF) 58 Page - Microchip Technology

부품명 PIC18F2221
상세설명  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2221 데이터시트(HTML) 58 Page - Microchip Technology

Back Button PIC18F2221 Datasheet HTML 54Page - Microchip Technology PIC18F2221 Datasheet HTML 55Page - Microchip Technology PIC18F2221 Datasheet HTML 56Page - Microchip Technology PIC18F2221 Datasheet HTML 57Page - Microchip Technology PIC18F2221 Datasheet HTML 58Page - Microchip Technology PIC18F2221 Datasheet HTML 59Page - Microchip Technology PIC18F2221 Datasheet HTML 60Page - Microchip Technology PIC18F2221 Datasheet HTML 61Page - Microchip Technology PIC18F2221 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 402 page
background image
PIC18F2221/2321/4221/4321 FAMILY
DS39689F-page 58
© 2009 Microchip Technology Inc.
IPR2
2221 2321 4221 4321
11-1 1111
11-1 1111
uu-u uuuu
PIR2
2221 2321 4221 4321
00-0 0000
00-0 0000
uu-u uuuu(1)
PIE2
2221 2321 4221 4321
00-0 0000
00-0 0000
uu-u uuuu
IPR1
2221 2321 4221 4321
1111 1111
1111 1111
uuuu uuuu
2221 2321 4221 4321
-111 1111
-111 1111
-uuu uuuu
PIR1
2221 2321 4221 4321
0000 0000
0000 0000
uuuu uuuu(1)
2221 2321 4221 4321
-000 0000
-000 0000
-uuu uuuu(1)
PIE1
2221 2321 4221 4321
0000 0000
0000 0000
uuuu uuuu
2221 2321 4221 4321
-000 0000
-000 0000
-uuu uuuu
OSCTUNE
2221 2321 4221 4321
00-0 0000
00-0 0000
uu-u uuuu
TRISE
2221 2321 4221 4321
0000 -111
0000 -111
uuuu -uuu
TRISD
2221 2321 4221 4321
1111 1111
1111 1111
uuuu uuuu
TRISC
2221 2321 4221 4321
1111 1111
1111 1111
uuuu uuuu
TRISB
2221 2321 4221 4321
1111 1111
1111 1111
uuuu uuuu
TRISA(5)
2221 2321 4221 4321
1111 1111(5)
1111 1111(5)
uuuu uuuu(5)
LATE
2221 2321 4221 4321
---- -xxx
---- -uuu
---- -uuu
LATD
2221 2321 4221 4321
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATC
2221 2321 4221 4321
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATB
2221 2321 4221 4321
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATA(5)
2221 2321 4221 4321
xxxx xxxx(5)
uuuu uuuu(5)
uuuu uuuu(5)
PORTE
2221 2321 4221 4321
---- xxxx
---- uuuu
---- uuuu
2221 2321 4221 4321
---- x---
---- u---
---- u---
PORTD
2221 2321 4221 4321
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTC
2221 2321 4221 4321
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTB
2221 2321 4221 4321
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA(5)
2221 2321 4221 4321
xx0x 0000(5)
uu0u 0000(5)
uuuu uuuu(5)
TABLE 5-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 5-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com