전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F2221 데이터시트(PDF) 137 Page - Microchip Technology

부품명 PIC18F2221
상세설명  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2221 데이터시트(HTML) 137 Page - Microchip Technology

Back Button PIC18F2221 Datasheet HTML 133Page - Microchip Technology PIC18F2221 Datasheet HTML 134Page - Microchip Technology PIC18F2221 Datasheet HTML 135Page - Microchip Technology PIC18F2221 Datasheet HTML 136Page - Microchip Technology PIC18F2221 Datasheet HTML 137Page - Microchip Technology PIC18F2221 Datasheet HTML 138Page - Microchip Technology PIC18F2221 Datasheet HTML 139Page - Microchip Technology PIC18F2221 Datasheet HTML 140Page - Microchip Technology PIC18F2221 Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 402 page
background image
© 2009 Microchip Technology Inc.
DS39689F-page 137
PIC18F2221/2321/4221/4321 FAMILY
EXAMPLE 13-1:
IMPLEMENTING A REAL-TIME CLOCK USING A TIMER1 INTERRUPT SERVICE
TABLE 13-2:
REGISTERS ASSOCIATED WITH TIMER1 AS A TIMER/COUNTER
RTCinit
MOVLW
80h
; Preload TMR1 register pair
MOVWF
TMR1H
; for 1 second overflow
CLRF
TMR1L
MOVLW
b'00001111'
; Configure for external clock,
MOVWF
T1CON
; Asynchronous operation, external oscillator
CLRF
secs
; Initialize timekeeping registers
CLRF
mins
;
MOVLW
.12
MOVWF
hours
BSF
PIE1, TMR1IE
; Enable Timer1 interrupt
RETURN
RTCisr
BSF
TMR1H, 7
; Preload for 1 sec overflow
BCF
PIR1, TMR1IF
; Clear interrupt flag
INCF
secs, F
; Increment seconds
MOVLW
.59
; 60 seconds elapsed?
CPFSGT
secs
RETURN
; No, done
CLRF
secs
; Clear seconds
INCF
mins, F
; Increment minutes
MOVLW
.59
; 60 minutes elapsed?
CPFSGT
mins
RETURN
; No, done
CLRF
mins
; clear minutes
INCF
hours, F
; Increment hours
MOVLW
.23
; 24 hours elapsed?
CPFSGT
hours
RETURN
; No, done
CLRF
hours
; Reset hours
RETURN
; Done
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
INTCON
GIE/GIEH PEIE/GIEL TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
55
PIR1
PSPIF(1)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
58
PIE1
PSPIE(1)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
58
IPR1
PSPIP(1)
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
58
TMR1L
Timer1 Register Low Byte
56
TMR1H
Timer1 Register High Byte
56
T1CON
RD16
T1RUN
T1CKPS1 T1CKPS0 T1OSCEN T1SYNC
TMR1CS TMR1ON
56
Legend: Shaded cells are not used by the Timer1 module.
Note 1: These bits are unimplemented on 28-pin devices and read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com