전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F2221 데이터시트(PDF) 177 Page - Microchip Technology

부품명 PIC18F2221
상세설명  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2221 데이터시트(HTML) 177 Page - Microchip Technology

Back Button PIC18F2221 Datasheet HTML 173Page - Microchip Technology PIC18F2221 Datasheet HTML 174Page - Microchip Technology PIC18F2221 Datasheet HTML 175Page - Microchip Technology PIC18F2221 Datasheet HTML 176Page - Microchip Technology PIC18F2221 Datasheet HTML 177Page - Microchip Technology PIC18F2221 Datasheet HTML 178Page - Microchip Technology PIC18F2221 Datasheet HTML 179Page - Microchip Technology PIC18F2221 Datasheet HTML 180Page - Microchip Technology PIC18F2221 Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 402 page
background image
© 2009 Microchip Technology Inc.
DS39689F-page 177
PIC18F2221/2321/4221/4321 FAMILY
REGISTER 18-3:
SSPSTAT: MSSP STATUS REGISTER (I2C™ MODE)
R/W-0
R/W-0
R-0
R-0
R-0
R-0
R-0
R-0
SMP
CKE
D/A
PS
R/W
UA
BF
bit 7
bit 0
bit 7
SMP: Slew Rate Control bit
In Master or Slave mode:
1 = Slew rate control disabled for Standard Speed mode (100 kHz and 1 MHz)
0 = Slew rate control enabled for High-Speed mode (400 kHz)
bit 6
CKE: SMBus Select bit
In Master or Slave mode:
1 = Enable SMBus specific inputs
0 = Disable SMBus specific inputs
bit 5
D/A: Data/Address bit
In Master mode:
Reserved.
In Slave mode:
1 = Indicates that the last byte received or transmitted was data
0 = Indicates that the last byte received or transmitted was address
bit 4
P: Stop bit
1 = Indicates that a Stop bit has been detected last
0 = Stop bit was not detected last
Note:
This bit is cleared on Reset and when SSPEN is cleared.
bit 3
S: Start bit
1 = Indicates that a Start bit has been detected last
0 = Start bit was not detected last
Note:
This bit is cleared on Reset and when SSPEN is cleared.
bit 2
R/W: Read/Write Information bit (I2C™ mode only)
In Slave mode:
1 = Read
0 = Write
Note:
This bit holds the R/W bit information following the last address match. This bit is
only valid from the address match to the next Start bit, Stop bit or not ACK bit.
In Master mode:
1 = Transmit is in progress
0 = Transmit is not in progress
Note:
ORing this bit with SEN, RSEN, PEN, RCEN or ACKEN will indicate if the MSSP is
in Active mode.
bit 1
UA: Update Address bit (10-bit Slave mode only)
1 = Indicates that the user needs to update the address in the SSPADD register
0 = Address does not need to be updated
bit 0
BF: Buffer Full Status bit
In Transmit mode:
1 = SSPBUF is full
0 = SSPBUF is empty
In Receive mode:
1 = SSPBUF is full (does not include the ACK and Stop bits)
0 = SSPBUF is empty (does not include the ACK and Stop bits)
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com