전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF4953 데이터시트(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

부품명 SSF4953
상세설명  Battery protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILIKRON [Silikron Semiconductor Co.,LTD.]
홈페이지  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF4953 데이터시트(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSF4953 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF4953 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF4953 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF4953 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF4953 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSF4953
DESCRIPTION
G1
D1
D2
G2
S1
S2
The SSF4953 uses advanced trench technology to
provide excellent RDS(ON), low gate charge. It has
been optimized for power management applications
requiring a wide range of gave drive voltage ratings
(4.5V – 25V).
Schematic diagram
GENERAL FEATURES
G2
S2
G1
S1
4
3
2
1
D2
D2
D1
D1
5
6
7
8
4953
●
V
= -30V,I
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
4953
SSF4953
SOP-8
Ø330mm
12mm
3000 units
ABSOLUTE MAXIMUM RATINGS(TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
ID
-5.3
A
Drain Current-Continuous@ Current-Pulsed (Note 1)
IDM
-35
A
Maximum Power Dissipation
PD
2.0
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
THERMAL CHARACTERISTICS
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
62.5
/W
℃
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-30
V
Zero Gate Voltage Drain Current
IDSS
VDS=-24V,VGS=0V
-1
μA
Gate-Body Leakage Current
IGSS
VGS=±25V,VDS=0V
±100
nA
DS
D = -5.3A
R
< 85mΩ @ V
DS(ON)
GS=-4.5V
R
< 5
3mΩ @ V
DS(ON)
GS=-10V
●
High Power and current handing capability
●
Lead free product is acquired
●
Surface Mount Package
Marking and pin Assignment
Application
●
Battery protection
●
Load switch
●
Power management
SOP-8 top view
©Silikron Semiconductor CO.,LTD.
1
http://www.silikron.com
v1.1


유사한 부품 번호 - SSF4953

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
SSF4953 GOOD-ARK-SSF4953 Datasheet
723Kb / 6P
30V Dual P-Channel MOSFET
SSF4953 GOOD-ARK-SSF4953_15 Datasheet
723Kb / 6P
30V Dual P-Channel MOSFET
More results

유사한 설명 - SSF4953

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF2302 SILIKRON-SSF2302 Datasheet
393Kb / 7P
Battery protection
SSF2306 SILIKRON-SSF2306 Datasheet
309Kb / 5P
Battery protection
SSF2312 SILIKRON-SSF2312 Datasheet
288Kb / 1P
Battery protection
SSF2318E SILIKRON-SSF2318E Datasheet
303Kb / 5P
Battery protection
SSF2334 SILIKRON-SSF2334 Datasheet
271Kb / 5P
Battery protection
SSF2336 SILIKRON-SSF2336 Datasheet
271Kb / 5P
Battery protection
SSF8205A SILIKRON-SSF8205A Datasheet
553Kb / 7P
Battery protection
SSF8822 SILIKRON-SSF8822 Datasheet
400Kb / 5P
Battery protection
SSF2316E SILIKRON-SSF2316E Datasheet
375Kb / 5P
Battery protection
SSF2341E SILIKRON-SSF2341E Datasheet
408Kb / 5P
Battery protection
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com