전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF4953 데이터시트(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

부품명 SSF4953
상세설명  Battery protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILIKRON [Silikron Semiconductor Co.,LTD.]
홈페이지  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF4953 데이터시트(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF4953 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF4953 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF4953 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF4953 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF4953 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSF4953
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
V
V =V
GS(th)
DS
GS, ID =-250μA
-1
-2
V
V =-10V, I
GS
D =-5.3A
46
53
Drain-Source On-State Resistance
mΩ
RDS(ON)
V =-4.5V, I
GS
D =-4A
70
85
Forward Transconductance
g
V =-5V, I
FS
DS
D =-5.3A
8
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
C
525
PF
lss
Output Capacitance
Coss
135
PF
V =-15V,V
Reverse Transfer Capacitance
Crss
DS
GS=0V,
F=1.0MHz
70
PF
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
t
7
14
nS
d(on)
Turn-on Rise Time
t
13
24
nS
r
Turn-Off Delay Time
td(off)
14
25
nS
V =-15V, I
DD
D =-1A
V =-10V,R
Turn-Off Fall Time
tf
GS
GEN=6Ω
9
17
nS
Total Gate Charge
Q
6
9
nC
g
Gate-Source Charge
Qgs
2.2
nC
VDS=-15V,
I
Gate-Drain Charge
Qgd
D=-4.5A,VGS=-10V
2
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
V
V =0V,I =-2.1A
-0.8
-1.2
V
SD
GS
S
Diode Forward Current (Note 2)
I
-2.1
A
S
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production testing.
©Silikron Semiconductor CO.,LTD.
2
http://www.silikron.com
v1.1



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com