전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCA9306D 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 PCA9306D
상세설명  Dual bidirectional I2C-bus and SMBus voltage-level translator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9306D 데이터시트(HTML) 2 Page - NXP Semiconductors

  PCA9306D Datasheet HTML 1Page - NXP Semiconductors PCA9306D Datasheet HTML 2Page - NXP Semiconductors PCA9306D Datasheet HTML 3Page - NXP Semiconductors PCA9306D Datasheet HTML 4Page - NXP Semiconductors PCA9306D Datasheet HTML 5Page - NXP Semiconductors PCA9306D Datasheet HTML 6Page - NXP Semiconductors PCA9306D Datasheet HTML 7Page - NXP Semiconductors PCA9306D Datasheet HTML 8Page - NXP Semiconductors PCA9306D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
PCA9306_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 26 October 2009
2 of 23
NXP Semiconductors
PCA9306
Dual bidirectional I2C-bus and SMBus voltage-level translator
2.
Features
I 2-bit bidirectional translator for SDA and SCL lines in mixed-mode I2C-bus applications
I Standard-mode, Fast-mode, and Fast-mode Plus I2C-bus and SMBus compatible
I Less than 1.5 ns maximum propagation delay to accommodate Standard-mode and
Fast-mode I2C-bus devices and multiple masters
I Allows voltage level translation between:
N 1.0 V Vref(1) and 1.8 V, 2.5 V, 3.3 V or 5 V Vbias(ref)(2)
N 1.2 V Vref(1) and 1.8 V, 2.5 V, 3.3 V or 5 V Vbias(ref)(2)
N 1.8 V Vref(1) and 3.3 V or 5 V Vbias(ref)(2)
N 2.5 V Vref(1) and 5 V Vbias(ref)(2)
N 3.3 V Vref(1) and 5 V Vbias(ref)(2)
I Provides bidirectional voltage translation with no direction pin
I Low 3.5 Ω ON-state connection between input and output ports provides less signal
distortion
I Open-drain I2C-bus I/O ports (SCL1, SDA1, SCL2 and SDA2)
I 5 V tolerant I2C-bus I/O ports to support mixed-mode signal operation
I High-impedance SCL1, SDA1, SCL2 and SDA2 pins for EN = LOW
I Lock-up free operation
I Flow through pinout for ease of printed-circuit board trace routing
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
I Packages offered: SO8, TSSOP8, VSSOP8, XQFN8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com