전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCA9306D 데이터시트(PDF) 21 Page - NXP Semiconductors

부품명 PCA9306D
상세설명  Dual bidirectional I2C-bus and SMBus voltage-level translator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9306D 데이터시트(HTML) 21 Page - NXP Semiconductors

Back Button PCA9306D Datasheet HTML 15Page - NXP Semiconductors PCA9306D Datasheet HTML 16Page - NXP Semiconductors PCA9306D Datasheet HTML 17Page - NXP Semiconductors PCA9306D Datasheet HTML 18Page - NXP Semiconductors PCA9306D Datasheet HTML 19Page - NXP Semiconductors PCA9306D Datasheet HTML 20Page - NXP Semiconductors PCA9306D Datasheet HTML 21Page - NXP Semiconductors PCA9306D Datasheet HTML 22Page - NXP Semiconductors PCA9306D Datasheet HTML 23Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
PCA9306_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 26 October 2009
21 of 23
NXP Semiconductors
PCA9306
Dual bidirectional I2C-bus and SMBus voltage-level translator
15. Revision history
Table 14.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCA9306_4
20091026
Product data sheet
-
PCA9306_3
Modifications:
• Section 1 “General description”:
– 1st paragraph: changed from “... operational from 1.1 V to 3.6 V (Vref(1)) and 1.8 V to 5.5 V
(Vbias(ref)(2))” to “... operational from 1.0 V to 3.6 V (Vref(1)) and 1.8 V to 5.5 V (Vbias(ref)(2))”.
– 2nd paragraph, 1st sentence: changed from “... between 1.2 V and 5 V” to “... between 1.0 V
and 5 V”
– 3rd paragraph: deleted first 2 sentences; added (new) last sentence.
– 5th paragraph: added (new) last sentence.
• Section 2 “Features”:
– 4th bullet item, 2nd sub-bullet: added 1.8 V Vbias(ref)(2)
– 10th bullet item re-written
• Table 1 “Ordering information”:
– Topside mark for PCA9306DC1 changed from “306U” to “P06”
• updated soldering information
PCA9306_3
20080804
Product data sheet
-
PCA9306_2
PCA9306_2
20070221
Product data sheet
-
PCA9306_1
PCA9306_1
20061020
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com