| 전자부품 데이터시트 검색엔진 |
|
ADP150AUJZ-3.3-R7 데이터시트(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP150AUJZ-3.3-R7 데이터시트(HTML) 8 Page - Analog Devices |
|
8 / 20 page ![]() ADP150 Rev. 0 | Page 8 of 20 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 –50 –25 125 100 75 50 25 0 TEMPERATURE (°C) VIN = 3.6V VIN = 3.8V VIN = 4.2V VIN = 4.4V VIN = 5.0V VIN = 5.2V VIN = 5.4V VIN = 5.5V Figure 11. Shutdown Current vs. Temperature at Various Input Voltages 80 70 60 50 40 30 20 10 0 1 10 100 1000 IOUT (mA) Figure 12. Dropout Voltage vs. Load Current (ILOAD) 3.35 3.30 3.25 3.20 3.15 3.10 3.00 3.05 3.05 3.10 3.45 3.40 3.35 3.30 3.25 3.20 3.15 VIN (V) IOUT = 10mA IOUT = 50mA IOUT = 100mA IOUT = 150mA Figure 13. Output Voltage (VOUT) vs. Input Voltage (VIN) in Dropout 700 600 500 400 300 200 100 0 3.05 3.10 3.45 3.40 3.35 3.30 3.25 3.20 3.15 VIN (A) IOUT = 10mA IOUT = 50mA IOUT = 100mA IOUT = 150mA Figure 14. Ground Current vs. Input Voltage (VIN) in Dropout –10 –20 –30 –40 –50 –60 –70 –80 –90 –100 10 100 1k 10k 100k 1M 10M FREQUENCY (Hz) IOUT = 100µA IOUT = 1mA IOUT = 10mA IOUT = 100mA IOUT = 150mA VIN = VOUT + 0.5V VRIPPLE = 50mV CIN = COUT = 1µF Figure 15. Power Supply Rejection Ratio (PSRR) vs. Frequency, VOUT = 1.8 V, VIN = 2.3 V –10 –20 –30 –40 –50 –60 –70 –80 –90 –100 10 100 1k 10k 100k 1M 10M FREQUENCY (Hz) IOUT = 100µA IOUT = 1mA IOUT = 10mA IOUT = 100mA IOUT = 150mA VIN = VOUT + 0.5V VRIPPLE = 50mV CIN = COUT = 1µF Figure 16. Power Supply Rejection Ratio (PSRR) vs. Frequency, VOUT = 2.8 V, VIN=3.3 V |