| 전자부품 데이터시트 검색엔진 |
|
ADP150AUJZ-3.3-R7 데이터시트(PDF) 10 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP150AUJZ-3.3-R7 데이터시트(HTML) 10 Page - Analog Devices |
|
10 / 20 page ![]() ADP150 Rev. 0 | Page 10 of 20 CH1 100mA CH2 50mV M40µs A CH1 108mA T 118.000µs 1 2 T IOUT 1mA TO 150mA LOAD STEP VOUT VIN = 3.7V VOUT = 3.3V Figure 23. Load Transient Response, COUT = 4.7 μF CH1 1.00V CH2 10mV M10µs A CH1 4.60V T 29.60µs 1 2 T VIN 3.7V TO 4.7V VOLTAGE STEP OFFSET = 2.7V VOUT Figure 24. Line Transient Response, CIN, COUT = 1 μF, ILOAD = 1mA CH1 1.00V CH2 10mV M10µs A CH1 4.60V T 29.60µs 1 2 T VIN 3.7V TO 4.7V VOLTAGE STEP OFFSET = 2.7V VOUT Figure 25. Line Transient Response, CIN, COUT =1 μF, ILOAD = 150 mA |