| 전자부품 데이터시트 검색엔진 |
|
ADM6346-41ARTZ-R7 데이터시트(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM6346-41ARTZ-R7 데이터시트(HTML) 4 Page - Analog Devices |
|
4 / 12 page ![]() ADM6326/ADM6328/ADM6346/ADM6348 Rev. 0 | Page 4 of 12 ABSOLUTE MAXIMUM RATINGS Table 3. Parameter Rating Supply Voltage, VCC −0.3 V to +6 V Input Current, ICC 20 mA Output Voltage Push-Pull RESET −0.3 V to (VCC + 0.3 V) Open-Drain RESET −0.3 V to +6 V Output Current (RESET) 20 mA Rate of Rise of VCC 100 V/ μs Temperature Storage −65°C to +155°C Operating −40°C to +85°C Soldering (10 sec) 300°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL RESISTANCE θJA is specified for the worst-case conditions, that is, a device soldered in a circuit board for surface-mount packages. Table 4. Thermal Resistance Package Type θJA Unit 3-Lead SOT-23 270 °C/W ESD CAUTION |