| 전자부품 데이터시트 검색엔진 |
|
ADM6346-41ARTZ-R7 데이터시트(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM6346-41ARTZ-R7 데이터시트(HTML) 5 Page - Analog Devices |
|
5 / 12 page ![]() ADM6326/ADM6328/ADM6346/ADM6348 Rev. 0 | Page 5 of 12 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS RESET GND 1 2 VCC 3 ADM6326/ ADM6328/ ADM6346/ ADM6348 TOP VIEW (Not to Scale) Figure 3. ADM6326/ADM6328/ADM6346/ADM6348 Pin Configuration Table 5. Pin Function Descriptions Pin No. Mnemonic Description 1 GND Ground Reference for All Signals; 0 V. 2 RESET Active Low Logic Output. This pin is low when VCC is less than the reset threshold; it remains low for 185 ms (typical) after VCC becomes greater than the reset threshold. 3 VCC Supply Voltage Being Monitored. |