| 전자부품 데이터시트 검색엔진 |
|
ATmega128 데이터시트(PDF) 117 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega128 데이터시트(HTML) 117 Page - ATMEL Corporation |
|
117 / 386 page ![]() 117 2467S–AVR–07/09 ATmega128 The following code examples show how to do an atomic write of the TCNTn Register contents. Writing any of the OCRnA/B/C or ICRn Registers can be done by using the same principle. Note: 1. See “About Code Examples” on page 9. The assembly code example requires that the r17:r16 register pair contains the value to be written to TCNTn. Reusing the Temporary High Byte Register If writing to more than one 16-bit register where the high byte is the same for all registers written, then the high byte only needs to be written once. However, note that the same rule of atomic operation described previously also applies in this case. Assembly Code Example (1) TIM16_WriteTCNTn: ; Save global interrupt flag in r18,SREG ; Disable interrupts cli ; Set TCNTn to r17:r16 out TCNTnH,r17 out TCNTnL,r16 ; Restore global interrupt flag out SREG,r18 ret C Code Example (1) void TIM16_WriteTCNTn( unsigned int i ) { unsigned char sreg; unsigned int i; /* Save global interrupt flag */ sreg = SREG; /* Disable interrupts */ __disable_interrupt(); /* Set TCNTn to i */ TCNTn = i; /* Restore global interrupt flag */ SREG = sreg; } |