전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATmega128 데이터시트(PDF) 211 Page - ATMEL Corporation

부품명 ATmega128
상세설명  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega128 데이터시트(HTML) 211 Page - ATMEL Corporation

Back Button ATmega128 Datasheet HTML 207Page - ATMEL Corporation ATmega128 Datasheet HTML 208Page - ATMEL Corporation ATmega128 Datasheet HTML 209Page - ATMEL Corporation ATmega128 Datasheet HTML 210Page - ATMEL Corporation ATmega128 Datasheet HTML 211Page - ATMEL Corporation ATmega128 Datasheet HTML 212Page - ATMEL Corporation ATmega128 Datasheet HTML 213Page - ATMEL Corporation ATmega128 Datasheet HTML 214Page - ATMEL Corporation ATmega128 Datasheet HTML 215Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 386 page
background image
211
2467S–AVR–07/09
ATmega128
Even though this example is simple, it shows the principles involved in all TWI transmissions.
These can be summarized as follows:
•
When the TWI has finished an operation and expects application response, the TWINT flag
is set. The SCL line is pulled low until TWINT is cleared.
•
When the TWINT flag is set, the user must update all TWI Registers with the value relevant
for the next TWI bus cycle. As an example, TWDR must be loaded with the value to be
transmitted in the next bus cycle.
•
After all TWI Register updates and other pending application software tasks have been
completed, TWCR is written. When writing TWCR, the TWINT bit should be set. Writing a
one to TWINT clears the flag. The TWI will then commence executing whatever operation
was specified by the TWCR setting.
In the following an assembly and C implementation of the example is given. Note that the code
below assumes that several definitions have been made for example by using include-files.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More