전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATmega162V-8AI 데이터시트(PDF) 62 Page - ATMEL Corporation

부품명 ATmega162V-8AI
상세설명  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162V-8AI 데이터시트(HTML) 62 Page - ATMEL Corporation

Back Button ATmega162V-8AI Datasheet HTML 58Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 59Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 60Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 61Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 62Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 63Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 64Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 65Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 324 page
background image
62
2513K–AVR–07/09
ATmega162/V
• Bit 0 – IVCE: Interrupt Vector Change Enable
The IVCE bit must be written to logic one to enable change of the IVSEL bit. IVCE is cleared by
hardware four cycles after it is written or when IVSEL is written. Setting the IVCE bit will disable
interrupts, as explained in the IVSEL description above. See Code Example below.
Assembly Code Example
Move_interrupts:
; Enable change of Inter?upt Vectors
ldi
r16, (1<<IVCE)
out
GICR, r16
; Move interrupts to Boo? Flash section
ldi
r16, (1<<IVSEL)
out
GICR, r16
ret
C Code Example
void
Move_interrupts(void)
{
/* Enable change of?Interrupt Vectors */
GICR = (1<<IVCE);
/* Move interrupts to Bo?t Flash section */
GICR = (1<<IVSEL);
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More