| 전자부품 데이터시트 검색엔진 |
|
ATmega162V-8AI 데이터시트(PDF) 60 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega162V-8AI 데이터시트(HTML) 60 Page - ATMEL Corporation |
|
60 / 324 page ![]() 60 2513K–AVR–07/09 ATmega162/V 0x03A ldi r16,low(RAMEND) 0x03B out SPL,r16 0x03C sei ; Enable interrupts 0x03D <instr> xxx ... ... ... When the BOOTRST Fuse is unprogrammed, the boot section size set to 2K bytes and the IVSEL bit in the GICR Register is set before any interrupts are enabled, the most typical and general program setup for the Reset and Interrupt Vector Addresses is: Address Labels Code Comments 0x000 RESET: ldi r16,high(RAMEND) ; Main program start 0x001 out SPH,r16 ; Set Stack Pointer to top of RAM 0x002 ldi r16,low(RAMEND) 0x003 out SPL,r16 0x004 sei ; Enable interrupts 0x005 <instr> xxx ; .org 0x1C02 0x1C02 jmp EXT_INT0 ; IRQ0 Handler 0x1C04 jmp EXT_INT1 ; IRQ1 Handler ... .... .. ; 0x1C36 jmp SPM_RDY ; Store Program Memory Ready Handler When the BOOTRST Fuse is programmed and the boot section size set to 2K bytes, the most typical and general program setup for the Reset and Interrupt Vector Addresses is: Address Labels Code Comments .org 0x002 0x002 jmp EXT_INT0 ; IRQ0 Handler 0x004 jmp EXT_INT1 ; IRQ1 Handler ... .... .. ; 0x036 jmp SPM_RDY ; Store Program Memory Ready Handler ; .org 0x1C00 0x1C00 RESET: ldi r16,high(RAMEND) ; Main program start 0x1C01 out SPH,r16 ; Set Stack Pointer to top of RAM 0x1C02 ldi r16,low(RAMEND) 0x1C03 out SPL,r16 0x1C04 sei ; Enable interrupts 0x1C05 <instr> xxx |