전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATtiny261-15MZ 데이터시트(PDF) 209 Page - ATMEL Corporation

부품명 ATtiny261-15MZ
상세설명  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-15MZ 데이터시트(HTML) 209 Page - ATMEL Corporation

Back Button ATtiny261-15MZ Datasheet HTML 205Page - ATMEL Corporation ATtiny261-15MZ Datasheet HTML 206Page - ATMEL Corporation ATtiny261-15MZ Datasheet HTML 207Page - ATMEL Corporation ATtiny261-15MZ Datasheet HTML 208Page - ATMEL Corporation ATtiny261-15MZ Datasheet HTML 209Page - ATMEL Corporation ATtiny261-15MZ Datasheet HTML 210Page - ATMEL Corporation ATtiny261-15MZ Datasheet HTML 211Page - ATMEL Corporation ATtiny261-15MZ Datasheet HTML 212Page - ATMEL Corporation ATtiny261-15MZ Datasheet HTML 213Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 227 page
background image
209
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
25. Register Summary
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
0x3F (0x5F)
SREG
I
T
H
S
V
N
Z
C
page 11
0x3E (0x5E)
SPH
–
–
–
–
–
SP10
SP9
SP8
page 13
0x3D (0x5D)
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
page 13
0x3C (0x5C)
Reserved
–
0x3B (0x5B)
GIMSK
INT1
INT0
PCIE1
PCIE0
–
–
–
–
page 53
0x3A (0x5A)
GIFR
INTF1
INTF0
PCIF
–
–
–
–
–
page 53
0x39 (0x59)
TIMSK
OCIE1D
OCIE1A
OCIE1B
OCIE0A
OCIE0B
TOIE1
TOIE0
TICIE0
page 87, page 125
0x38 (0x58)
TIFR
OCF1D
OCF1A
OCF1B
OCF0A
OCF0B
TOV1
TOV0
ICF0
page 88, page 126
0x37 (0x57)
SPMCSR
–
–
SIGRD
CTPB
RFLB
PGWRT
PGERS
SPMEN
page 169
0x36 (0x56)
PRR
PRTIM1
PRTIM0
PRUSI
PRADC
page 36
0x35 (0x55)
MCUCR
–PUD
SE
SM1
SM0
–ISC01
ISC00
page 38, page 69, page 52
0x34 (0x54)
MCUSR
–
–
–
–
WDRF
BORF
EXTRF
PORF
page 45,
0x33 (0x53)
TCCR0B
–
–
–
TSM
PSR0
CS02
CS01
CS00
page 71
0x32 (0x52)
TCNT0L
Timer/Counter0 Counter Register Low Byte
page 86
0x31 (0x51)
OSCCAL
Oscillator Calibration Register
page 32
0x30 (0x50)
TCCR1A
COM1A1
COM1A0
COM1B1
COM1B0
FOC1A
FOC1B
PWM1A
PWM1B
page 115
0x2F (0x4F)
TCCR1B
PWM1X
PSR1
DTPS11
DTPS10
CS13
CS12
CS11
CS10
page 169
0x2E (0x4E)
TCNT1
Timer/Counter1 Counter Register
page 123
0x2D (0x4D)
OCR1A
Timer/Counter1 Output Compare Register A
page 124
0x2C (0x4C)
OCR1B
Timer/Counter1 Output Compare Register B
page 124
0x2B (0x4B)
OCR1C
Timer/Counter1 Output Compare Register C
page 124
0x2A (0x4A)
OCR1D
Timer/Counter1 Output Compare Register D
page 125
0x29 (0x49)
PLLCSR
LSM
PCKE
PLLE
PLOCK
page 90
0x28 (0x48)
CLKPR
CLKPCE
CLKPS3
CLKPS2
CLKPS1
CLKPS0
page 33
0x27 (0x47)
TCCR1C
COM1A1S
COM1A0S
COM1B1S
COM1B0S
COM1D1
COM1D0
FOC1D
PWM1D
page 119
0x26 (0x46)
TCCR1D
FPIE1
FPEN1
FPNC1
FPES1
FPAC1
FPF1
WGM11
WGM10
page 121
0x25 (0x45)
TC1H
TC19
TC18
page 123
0x24 (0x44)
DT1
DT1H3
DT1H2
DT1H1
DT1H0
DT1L3
DT1L2
DT1L1
DT1L0
page 127
0x23 (0x43)
PCMSK0
PCINT7
PCINT6
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
page 54
0x22 (0x42)
PCMSK1
PCINT15
PCINT14
PCINT13
PCINT12
PCINT11
PCINT10
PCINT9
PCINT8
page 54
0x21 (0x41)
WDTCR
WDIF
WDIE
WDP3
WDCE
WDE
WDP2
WDP1
WDP0
page 46
0x20 (0x40)
DWDR
DWDR[7:0]
page 36
0x1F (0x3F)
EEARH
EEAR8
page 22
0x1E (0x3E)
EEARL
EEAR7
EEAR6
EEAR5
EEAR4
EEAR3
EEAR2
EEAR1
EEAR0
page 22
0x1D (0x3D)
EEDR
EEPROM Data Register
page 23
0x1C (0x3C)
EECR
–
–
EEPM1
EEPM0
EERIE
EEMPE
EEPE
EERE
page 23
0x1B (0x3B)
PORTA
PORTA7
PORTA6
PORTA5
PORTA4
PORTA3
PORTA2
PORTA1
PORTA0
page 69
0x1A (0x3A)
DDRA
DDA7
DDA6
DDA5
DDA4
DDA3
DDA2
DDA1
DDA0
page 69
0x19 (0x39)
PINA
PINA7
PINA6
PINA5
PINA4
PINA3
PINA2
PINA1
PINA0
page 69
0x18 (0x38)
PORTB
PORTB7
PORTB6
PORTB5
PORTB4
PORTB3
PORTB2
PORTB1
PORTB0
page 69
0x17 (0x37)
DDRB
DDB7
DDB6
DDB5
DDB4
DDB3
DDB2
DDB1
DDB0
page 69
0x16 (0x36)
PINB
PINB7
PINB6
PINB5
PINB4
PINB3
PINB2
PINB1
PINB0
page 69
0x15 (0x35)
TCCR0A
TCW0
ICEN0
ICNC0
ICES0
ACIC0
CTC0
page 85
0x14 (0x34)
TCNT0H
Timer/Counter0 Counter Register High Byte
page 86
0x13 (0x33)
OCR0A
Timer/Counter0 Output Compare Register A
page 86
0x12 (0x32)
OCR0B
Timer/Counter0 Output Compare Register B
page 86
0x11 (0x31)
USIPP
USIPOS
page 139
0x10 (0x30)
USIBR
USI Buffer Register
page 136
0x0F (0x2F)
USIDR
USI Data Register
page 135
0x0E (0x2E)
USISR
USISIF
USIOIF
USIPF
USIDC
USICNT3
USICNT2
USICNT1
USICNT0
page 136
0x0D (0x2D)
USICR
USISIE
USIOIE
USIWM1
USIWM0
USICS1
USICS0
USICLK
USITC
page 137
0x0C (0x2C)
GPIOR2
General Purpose I/O Register 2
page 24
0x0B (0x2B)
GPIOR1
General Purpose I/O Register 1
page 24
0x0A (0x2A)
GPIOR0
General Purpose I/O Register 0
page 24
Notes:
1. For compatibility with future devices, reserved bits should be written to zero if accessed. Reserved I/O memory addresses
should never be written.
2. I/O Registers within the address range 0x00 - 0x1F are directly bit-accessible using the SBI and CBI instructions. In these
registers, the value of single bits can be checked by using the SBIS and SBIC instructions.
3. Some of the Status Flags are cleared by writing a logical one to them. Note that, unlike most other AVRs, the CBI and SBI
instructions will only operation the specified bit, and can therefore be used on registers containing such Status Flags. The
CBI and SBI instructions work with registers 0x00 to 0x1F only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More