전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC640 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 BC640
상세설명  High Current Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC640 데이터시트(HTML) 1 Page - ON Semiconductor

  BC640 Datasheet HTML 1Page - ON Semiconductor BC640 Datasheet HTML 2Page - ON Semiconductor BC640 Datasheet HTML 3Page - ON Semiconductor BC640 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2007
March, 2007 − Rev. 0
1
Publication Order Number:
BC640/D
BC640, BC640−16
High Current Transistors
PNP Silicon
Features
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
−80
Vdc
Collector-Base Voltage
VCBO
−80
Vdc
Emitter-Base Voltage
VEBO
−5.0
Vdc
Collector Current − Continuous
IC
−0.5
Adc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
W
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
RqJA
200
°C/W
Thermal Resistance, Junction−to−Case
RqJC
83.3
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
COLLECTOR
2
3
BASE
1
EMITTER
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
1 2
3
1
2
BENT LEAD
TAPE & REEL
AMMO PACK
STRAIGHT LEAD
BULK PACK
3
TO−92
CASE 29
STYLE 14
MARKING DIAGRAMS
BC64
0−16
AYWW
G
G
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
BC
640
AYWW
G
G


유사한 부품 번호 - BC640

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BC640 MOTOROLA-BC640 Datasheet
116Kb / 4P
High Current Transistors
logo
ON Semiconductor
BC640 ONSEMI-BC640 Datasheet
86Kb / 4P
High Current Transistors(PNP Silicon)
June, 2000 ??Rev. 1
logo
NXP Semiconductors
BC640 PHILIPS-BC640 Datasheet
43Kb / 8P
PNP medium power transistors
1999 Apr 23
logo
Siemens Semiconductor G...
BC640 SIEMENS-BC640 Datasheet
126Kb / 5P
PNP Silicon AF Transistors (High current gain High collector current)
logo
Fairchild Semiconductor
BC640 FAIRCHILD-BC640 Datasheet
62Kb / 3P
PNP EPITAXIAL SILICON TRANSISTOR
More results

유사한 설명 - BC640

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BC489 MOTOROLA-BC489 Datasheet
235Kb / 6P
High Current Transistors
BC490 MOTOROLA-BC490 Datasheet
249Kb / 6P
High Current Transistors
BC635 MOTOROLA-BC635 Datasheet
116Kb / 4P
High Current Transistors
BC636 MOTOROLA-BC636 Datasheet
116Kb / 4P
High Current Transistors
logo
ON Semiconductor
BC636 ONSEMI-BC636 Datasheet
56Kb / 4P
High Current Transistors
June, 2000 ??Rev. 1
BC637 ONSEMI-BC637 Datasheet
66Kb / 4P
High Current Transistors
March, 2007 ??Rev. 0
BC490 ONSEMI-BC490_07 Datasheet
84Kb / 6P
High Current Transistors
March, 2007 ??Rev. 3
BC637 ONSEMI-BC637_11 Datasheet
98Kb / 4P
High Current Transistors
February, 2011 ??Rev. 1
BC640-016G ONSEMI-BC640-016G Datasheet
94Kb / 4P
High Current Transistors
June, 2011 ??Rev. 1
BC490G ONSEMI-BC490G Datasheet
74Kb / 6P
High Current Transistors
March, 2007 ??Rev. 3
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com